Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F505
Description   PIC16F505 Migration
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F505 Datasheet HTML 1Page - Microchip Technology PIC16F505 Datasheet HTML 2Page - Microchip Technology PIC16F505 Datasheet HTML 3Page - Microchip Technology PIC16F505 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41222A-page 1
DEVICE MIGRATIONS
This document is intended to describe the functional differences that are present when migrating from the PIC16C505
to the PIC16F505.
Table 1 shows the considerations that must be taken into account when migrating from the PIC16C505 to the
PIC16F505.
TABLE 1:
PIC16C505
→ PIC16F505 MIGRATION DIFFERENCES
TABLE 2:
PIC16C505
→ PIC16F505 NEW FEATURES
Note 1: This device has been designed to perform to the parameters of its data sheet. It has been tested to an
electrical specification designed to determine its conformance with these parameters. Due to process
differences in the manufacture of this device, this device may have different performance characteristics
than its earlier version. These differences may cause this device to perform differently in your application
than the earlier version of this device.
2: The user should verify that the device oscillator starts and performs as expected. Adjusting the loading
capacitor values and/or the Oscillator mode may be required.
Functional Differences
No.
Difference
H/W
S/W
Prog.
1
Programming algorithm change,
PIC16F505 uses a new programming
algorithm
——
✔
2
Program memory code protection,
bits 11-6 now unimplemented
—
✔
—
3
Operating regions
✔
——
4
OSCCAL, one extra OSCCAL
calibration bit has been added
—
✔
—
Legend: H/W – Issues may exist with regard to the application circuit.
S/W – Issues may exist with regard to the user program.
Programming – Issues may exist with regard to programming the device.
No.
Feature
1
PIC16F505 has 1024 words of Flash program memory
2
EC Mode Oscillator
Legend: H/W – Issues may exist with regard to the application circuit.
S/W – Issues may exist with regard to the user program.
Programming – Issues may exist with regard to programming the device.
PIC16C505
→ PIC16F505 Migration


Similar Part No. - PIC16F505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers106
10/05/07
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
More results

Similar Description - PIC16F505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C72A MICROCHIP-PIC16C72A Datasheet
94Kb / 10P
PIC16C72A ??PIC16F72 Migration
2002
logo
STMicroelectronics
TN0108 STMICROELECTRONICS-TN0108 Datasheet
212Kb / 26P
Migration differences between SPC560B4x/50
18-Sep-2013
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN3422 STMICROELECTRONICS-AN3422 Datasheet
317Kb / 52P
Migration of microcontroller applications from STM32F1 to STM32L1 series
01-Mar-2012
AN4142 STMICROELECTRONICS-AN4142 Datasheet
289Kb / 38P
STM32W108xx datasheet bit and register naming migration
23-Aug-2012
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
Migration and Compatibility Guideline
logo
NXP Semiconductors
MC9RS08KA2 NXP-MC9RS08KA2 Datasheet
2Mb / 138P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9RS08LA8 NXP-MC9RS08LA8 Datasheet
778Kb / 35P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08AC128 NXP-MC9S08AC128 Datasheet
958Kb / 42P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08AC60 NXP-MC9S08AC60 Datasheet
6Mb / 352P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com