Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2000FQC Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000FQC
Description  DLP2000 (.2nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000FQC Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLP2000FQC Datasheet HTML 13Page - Texas Instruments DLP2000FQC Datasheet HTML 14Page - Texas Instruments DLP2000FQC Datasheet HTML 15Page - Texas Instruments DLP2000FQC Datasheet HTML 16Page - Texas Instruments DLP2000FQC Datasheet HTML 17Page - Texas Instruments DLP2000FQC Datasheet HTML 18Page - Texas Instruments DLP2000FQC Datasheet HTML 19Page - Texas Instruments DLP2000FQC Datasheet HTML 20Page - Texas Instruments DLP2000FQC Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
High Speed Interface
Column Write
Bit Lines
Word Lines
(0,0)
(359, 639)
SRAM
Control
Row
Voltage
Generators
Misc
Column Read
Control
Control
Low Speed Interface
Voltages
illumination
Details omitted for clarity.
Orientation is not representative of optical system.
Scale is not representative of layout.
For informational purposes only.
17
DLP2000
www.ti.com
DLPS078 – JULY 2017
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DLP2000 is a 0.2-inch diagonal spatial light modulator of aluminum micromirrors. Pixel array size is 640
columns by 360 rows in a square grid pixel arrangement. The DMD is an electrical input, optical output micro-
electrical-mechanical system (MEMS). The electrical interface is a Double Data Rate (DDR) input data bus.
The DLP2000 is part of the chipset that includes the DLP2000 DMD, the DLPC2607 display controller, and the
DLPA1000 PMIC/LED driver. To ensure optimal performance, the DLP2000 DMD should be used with the
DLPC2607 display controller and the DLPA1000 PMIC/LED driver.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com