Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7761FDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7761FDW
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7761FDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7761FDW Datasheet HTML 2Page - Texas Instruments ISO7761FDW Datasheet HTML 3Page - Texas Instruments ISO7761FDW Datasheet HTML 4Page - Texas Instruments ISO7761FDW Datasheet HTML 5Page - Texas Instruments ISO7761FDW Datasheet HTML 6Page - Texas Instruments ISO7761FDW Datasheet HTML 7Page - Texas Instruments ISO7761FDW Datasheet HTML 8Page - Texas Instruments ISO7761FDW Datasheet HTML 9Page - Texas Instruments ISO7761FDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
ISO7760, ISO7761
ISO7762, ISO7763
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO776x
UNIT
DW (SOIC)
DBQ (SSOP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
60.3
86.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
24.0
26.9
°C/W
RθJB
Junction-to-board thermal resistance
29.3
36.6
°C/W
ψJT
Junction-to-top characterization parameter
3.3
1.7
°C/W
ψJB
Junction-to-board characterization parameter
28.7
36.1
°C/W
RθJC(bottom) Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7760
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
292
mW
PD1
Maximum power dissipation (side 1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
50
mW
PD2
Maximum power dissipation (side 2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
242
mW
ISO7761
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
292
mW
PD1
Maximum power dissipation (side 1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
83
mW
PD2
Maximum power dissipation (side 2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
209
mW
ISO7762
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
292
mW
PD1
Maximum power dissipation (side 1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
116
mW
PD2
Maximum power dissipation (side 2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
176
mW
ISO7763
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
292
mW
PD1
Maximum power dissipation (side 1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
146
mW
PD2
Maximum power dissipation (side 2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
146
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com