Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7762FDW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7762FDW
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7762FDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7762FDW Datasheet HTML 3Page - Texas Instruments ISO7762FDW Datasheet HTML 4Page - Texas Instruments ISO7762FDW Datasheet HTML 5Page - Texas Instruments ISO7762FDW Datasheet HTML 6Page - Texas Instruments ISO7762FDW Datasheet HTML 7Page - Texas Instruments ISO7762FDW Datasheet HTML 8Page - Texas Instruments ISO7762FDW Datasheet HTML 9Page - Texas Instruments ISO7762FDW Datasheet HTML 10Page - Texas Instruments ISO7762FDW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
ISO7760, ISO7761
ISO7762, ISO7763
www.ti.com
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
DBQ-16
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
>8
>3.7
mm
CPG
External clearance(1)
Shortest terminal-to-terminal distance across the
package surface
>8
>3.7
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>21
>21
μm
CTI
Tracking resistance (comparative tracking
index)
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
>600
>600
V
Material group
According to IEC 60664-1
I
I
Overvoltage category per IEC 60664-1
Rated mains voltage
≤ 150 VRMS
I–IV
I–IV
Rated mains voltage
≤ 300 VRMS
I–IV
I–III
Rated mains voltage
≤ 600 VRMS
I–IV
n/a
Rated mains voltage
≤ 1000 VRMS
I–III
n/a
DIN V VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak isolation voltage AC voltage (bipolar)
1414
566
VPK
VIOWM
Maximum isolation working voltage
AC voltage; Time dependent dielectric breakdown
(TDDB) test
1000
400
VRMS
DC voltage
1414
566
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification)
VTEST = 1.2 x VIOTM, t= 1 s (100% production)
8000
3600
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 62368-1, 1.2/50 µs waveform,
VTEST = 1.6 × VIOSM (qualification)
8000
4000
VPK
qpd
Apparent charge(4)
Method a, After Input/Output safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 × VIORM, tm = 10 s
≤5
≤5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 × VIORM, tm = 10 s
≤5
≤5
Method b1; At routine test (100% production) and
preconditioning (type test)
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM, tm = 1 s
≤5
≤5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2πft), f = 1 MHz
~1.1
~1.1
pF
RIO
Isolation resistance(5)
VIO = 500 V, TA = 25°C
>1012
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
>1011
VIO = 500 V, TS = 150°C
>109
>109
Pollution degree
2
2
Climatic category
55/125/2
1
55/125/2
1
UL 1577
VISO
Withstanding isolation voltage
VTEST = VISO , t = 60 s (qualification),
VTEST = 1.2 × VISO , t = 1 s (100% production)
5000
2500
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com