Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7763FDW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7763FDW
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7763FDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7763FDW Datasheet HTML 4Page - Texas Instruments ISO7763FDW Datasheet HTML 5Page - Texas Instruments ISO7763FDW Datasheet HTML 6Page - Texas Instruments ISO7763FDW Datasheet HTML 7Page - Texas Instruments ISO7763FDW Datasheet HTML 8Page - Texas Instruments ISO7763FDW Datasheet HTML 9Page - Texas Instruments ISO7763FDW Datasheet HTML 10Page - Texas Instruments ISO7763FDW Datasheet HTML 11Page - Texas Instruments ISO7763FDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
ISO7760, ISO7761
ISO7762, ISO7763
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify
according to DIN V
VDE V 0884-11:2017-
01
Plan to certify under CSA
Component Acceptance
Notice 5A, IEC 60950-1, and
IEC 60601-1
Plan to certify according to
UL 1577 Component
Recognition Program
Plan to certify according to
GB 4943.1-2011
Plan to certify according
to EN 61010-1:2010 (3rd
Ed) and EN 60950-
1:2006/A11:2009/A1:201
0/A12:2011/A2:2013
Maximum transient
isolation voltage, 8000
VPK (DW-16) and 3600
VPK (DBQ-16);
Maximum repetitive
peak isolation voltage,
1414 VPK (DW-16) and
566 VPK (DBQ-16);
Maximum surge
isolation voltage, 8000
VPK (DW-16) and 4000
VPK (DBQ-16)
Reinforced insulation per
CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.,
800 VRMS (DW-16) and 370
VRMS (DBQ-16) maximum
working voltage (pollution
degree 2, material group I);
DW-16: 2 MOPP (Means of
Patient Protection) per CSA
60601-1:14 and IEC 60601-1
Ed. 3.1, 250 VRMS (DW-16)
maximum working voltage
DW-16: Single protection,
5000 VRMS ;
DBQ-16: Single protection,
2500 VRMS
DW-16: Reinforced
Insulation, Altitude
≤ 5000
m, Tropical Climate, 400
VRMS maximum working
voltage;
DBQ-16: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
5000 VRMS Reinforced
insulation per EN 61010-
1:2010 (3rd Ed) up to
working voltage of 600
VRMS (DW package)
5000 VRMS Reinforced
insulation per EN 60950-
1:2006/A11:2009/A1:201
0/A12:2011/A2:2013 up
to working voltage of
800 VRMS (DW package)
Certification Planned
Certification Planned
Certification Planned
Certification Planned
Certification Planned
(1)
The maximum safety temperature is the maximum junction temperature specified for the device. The power dissipation and junction-to-
air thermal impedance of the device installed in the application hardware determines the junction temperature. The assumed junction-to-
air thermal resistance in the Thermal Information table is that of a device installed on a high-K test board for leaded surface mount
packages. The power is the recommended maximum input voltage times the current. The junction temperature is then the ambient
temperature plus the power times the junction-to-air thermal resistance.
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA = 60.3 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 1
377
mA
RθJA = 60.3 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 1
576
RθJA = 60.3 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C,
see Figure 1
754
PS
Safety input, output, or total power
RθJA = 60.3 °C/W, TJ = 150°C, TA = 25°C, see Figure 3
2073
mW
TS
Maximum safety temperature
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or supply current
RθJA = 86.5 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 2
263
mA
RθJA = 86.5 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 2
401
RθJA = 86.5 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C,
see Figure 2
525
PS
Safety input, output, or total power
RθJA = 86.5 °C/W, TJ = 150°C, TA = 25°C, see Figure 4
1445
mW
TS
Maximum safety temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com