Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5028 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5028
Description  Integrated PMIC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5028 Datasheet HTML 9Page - Richtek Technology Corporation RT5028 Datasheet HTML 10Page - Richtek Technology Corporation RT5028 Datasheet HTML 11Page - Richtek Technology Corporation RT5028 Datasheet HTML 12Page - Richtek Technology Corporation RT5028 Datasheet HTML 13Page - Richtek Technology Corporation RT5028 Datasheet HTML 14Page - Richtek Technology Corporation RT5028 Datasheet HTML 15Page - Richtek Technology Corporation RT5028 Datasheet HTML 16Page - Richtek Technology Corporation RT5028 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
DS5028-02
September 2016
www.richtek.com
RT5028
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Read Function
Reading One Indexed Byte of Data from RT (With 1-Byte)
Application Information
The RT5028 is a highly-integrated solution for industrial
system including PMIC and memory system. The RT5028
application mechanism and I2C compatible interface are
introduced in later sections. The system's slave address
is 0110111 (As SADDR = high) or 0111111(As SADDR =
low).
PMIC - Power management system provides 8 low dropout
linear regulator and 4 high efficiency synchronous step-
down DC-DC converters. Power-On and Power-Off
sequences are control by PWRON and RESET input pins.
S
Slave Address
0
A
Register Address
A
Data Byte
A
P
R/W
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Sr
Slave Address
1
A
Acknowledge from RT
Repeated Start
R/W
1Byte
Reading n Indexed Words of Data from RT (With N-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
Data Byte
A
P
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Acknowledge from Master
Sr
Slave Address
1
A
Acknowledge from RT
Repeated Start
Data Byte
A
Data Byte
A
Acknowledge from Master
Acknowledge from Master
……
R/W
R/W
1st Byte
2nd Byte
(n-1)th Byte
nth Byte
Detail time sequence control is described in Power ON/
OFF diagram. The I2C interface can program individual
regulator output voltage as well as on/off control and
voltage setting.
I2C Interface Timing Diagram
The RT5028 acts as an I
2C -bus slave. The I2C-bus master
configures the settings for all function blocks by sending
command bytes to the RT5028 via the 2-wire I
2C-bus. The
I
2C timing diagrams are list in the following.
Write Function
Writing One Byte of Data to RT (With 1-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
P
R/W
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
1Byte
Writing n Bytes of Data to RT (With N-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
Data Byte
A
P
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
A
Acknowledge from RT
R/W
(n-1)th Byte
nth Byte
Data Byte
1st Byte
A
Acknowledge from RT
Data Byte
2nd Byte
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com