Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822-PAR Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1822-PAR
Description  Econo 1-Wire Parasite-Power Digital Thermometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822-PAR Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1822-PAR Datasheet HTML 9Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 10Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 11Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 12Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 13Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 14Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 15Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 16Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS1822-PAR
13 of 19
1-WIRE SIGNALING
The DS1822-PAR uses a strict 1-wire communication protocol to insure data integrity. Several signal
types are defined by this protocol: reset pulse, presence pulse, write 0, write 1, read 0, and read 1. All of
these signals, with the exception of the presence pulse, are initiated by the bus master.
INITIALIZATION PROCEDURE: RESET AND PRESENCE PULSES
All communication with the DS1822-PAR begins with an initialization sequence that consists of a reset
pulse from the master followed by a presence pulse from the DS1822-PAR.
This is illustrated in
Figure 11. When the DS1822-PAR sends the presence pulse in response to the reset, it is indicating to the
master that it is on the bus and ready to operate.
During the initialization sequence the bus master transmits (TX) the reset pulse by pulling the 1-wire bus
low for a minimum of 480
µs. The bus master then releases the bus and goes into receive mode (R
X).
When the bus is released, the 5k pullup resistor pulls the 1-wire bus high. When the DS1822-PAR
detects this rising edge, it waits 15–60
µs and then transmits a presence pulse by pulling the 1-wire bus
low for 60–240
µs.
INITIALIZATION TIMING Figure 11
READ/WRITE TIME SLOTS
The bus master writes data to the DS1822-PAR during write time slots and reads data from the DS1822-
PAR during read time slots. One bit of data is transmitted over the 1-wire bus per time slot.
WRITE TIME SLOTS
There are two types of write time slots: “Write 1” time slots and “Write 0” time slots. The bus master
uses a Write 1 time slot to write a logic 1 to the DS1822-PAR and a Write 0 time slot to write a logic 0 to
the DS1822-PAR. All write time slots must be a minimum of 60
µs in duration with a minimum of a 1 µs
recovery time between individual write slots.
Both types of write time slots are initiated by the master
pulling the 1-wire bus low (see Figure 12).
To generate a Write 1 time slot, after pulling the 1-wire bus low, the bus master must release the 1-wire
bus within 15
µs. When the bus is released, the 5k pullup resistor will pull the bus high. To generate a
Write 0 time slot, after pulling the 1-wire bus low, the bus master must continue to hold the bus low for
the duration of the time slot (at least 60
µs).
LINE TYPE LEGEND
Bus master pulling low
DS1822-PAR pulling low
Resistor pullup
VPU
GND
1-WIRE BUS
480
µµµµs minimum
480
µµµµs minimum
DS1822-PAR TX
presence pulse
60-240
µµµµs
MASTER TX RESET PULSE
MASTER RX
DS1822-PAR
waits 15-60
µµµµs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com