Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9629B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9629B Datasheet HTML 1Page - Richtek Technology Corporation RT9629B Datasheet HTML 2Page - Richtek Technology Corporation RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9629B
4
DS9629B-06
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
POR (Power On Reset)
POR block detects the voltage at VCC1 pin and VCC2
pin. When the VCC1 and VCC2 pin voltage is higher than
POR rising threshold, POR pin output voltage (POR
output) is high. POR output is low when VCC1 and VCC2
are not both higher than POR rising threshold. When the
POR pin voltage is high, UGATEx and LGATEx can be
controlled by PWMx pin voltage. With low POR pin voltage,
both UGATEx and LGATEx will be pulled to low.
Tri-State Detect
When the POR block output voltage is high, UGATEx
and LGATEx can be controlled by PWMx input. There are
three PWMx input modes, which are high, low, and
shutdown state. If PWMx input is within the shutdown
window, both UGATEx and LGATEx output are low. When
PWMx input is higher than its rising threshold, UGATEx
is high and LGATEx is low. When PWMx input is lower
than its falling threshold, UGATEx is low and LGATEx is
high.
Bootstrap Control
Bootstrap control block controls the integrated bootstrap
switch. When LGATEx is high (low side MOSFET is
turned on), the bootstrap switch is turned on to charge
the bootstrap capacitor connected to BOOTx pin. When
LGATEx is low (low side MOSFET is turned off), the
bootstrap switch is turned off to disconnect VCCx pin and
BOOTx pin.
Turn-Off Detection
Turn-off detection block detects whether high side
MOSFET is turned off by monitoring PHASEx pin voltage.
To avoid shoot through between high side and low side
MOSFETs, low side MOSFET can be turned on only after
high side MOSFET is effectively turned off.
Shoot-Through Protection :
Shoot-through protection block implements the dead time
when both high side and low side MOSFETs are turned
off. With shoot-through protection block, high side and
low side MOSFET are never turned on simultaneously.
Thus, shoot through between high side and low side
MOSFETs is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com