Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9907 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9907
Description  3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9907 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9907 Datasheet HTML 1Page - Richtek Technology Corporation RT9907 Datasheet HTML 2Page - Richtek Technology Corporation RT9907 Datasheet HTML 3Page - Richtek Technology Corporation RT9907 Datasheet HTML 4Page - Richtek Technology Corporation RT9907 Datasheet HTML 5Page - Richtek Technology Corporation RT9907 Datasheet HTML 6Page - Richtek Technology Corporation RT9907 Datasheet HTML 7Page - Richtek Technology Corporation RT9907 Datasheet HTML 8Page - Richtek Technology Corporation RT9907 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RT9907
5
DS9907-11 May 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1
COMP3
CH3 Feedback Compensation Pin.
2
VDD3
CH3 Power Input Pin.
3
LX3
CH3 Switch Node. Drains of the internal P-MOSFET and N-MOSFET switches.
Connect an inductor to LX3 pins together as close as possible.
4
PGND3
Power Ground for CH3.
5
SS
Sets the Soft Start interval of the converter. Connect a capacitor from this pin to
ground.
6
RT
Frequency setting resistor connection pin. Frequency is 500kHz if RT pin not
connected
7, 23
GND
Analog Ground.
8
VDDM
Device Input Power Pin.
9
FB1
CH1 Feedback Input Pin.
10
COMP1
CH1 Feedback Compensation Pin.
11
PGND1
Power Ground for CH1
12
VDD1
CH1 Power Input Pin. Connect output of Boost to this pin.
13
LX1
CH1 Switch Node. Connect an inductor to LX1 Pins together as close as possible.
14
PGND2
Power Ground for CH2.
15
LX2
CH2 Switch Node. Drains of the internal P-Channel and N-MOSFET switches.
Connect an inductor to LX2 pins together as close as possible.
16
VDD2
CH2 Power Input Pin.
17
ENM
Whole Device Control Pin. Tie this pin higher than 1.3V to enable the device. Tie
below 0.4V to turn off the device.
18
EN1
CH1 Enable Input. Tie this pin higher than 1.3V to enable CH1. Tie below 0.4V to
turn off the CH1.
19
COMP2
CH2 Feedback Compensation Pin.
20
FB2
CH2 Feedback Input.
21
EN2
CH2 Enable Input. Tie this pin higher than 1.3V to enable CH2. Tie below 0.4V to
turn off the CH2.
22
EN3
CH3 Enable Input. Tie this pin higher than 1.3V to enable CH3. Tie below 0.4V to
turn off the CH3.
24
FB3
CH3 Feedback Input.
25 (Exposed Pad) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com