Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5147 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC5147
Description  Silicon NPN transistor in a TO-220F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC5147 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC5147 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5147 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5147 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5147 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5147 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5147 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5147
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220F 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-220F Plastic Package.

击穿电压高,集电极输出电容小,安全工作区宽。
High breakdown voltage, low collector output capacitance, wide SOA.
用于彩电色度信号输出及视频信号放大。
Ideal for Color TV chroma output and amplification of video signals.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
D
E
hFE Range
60~120
100~200
3
2
1


Similar Part No. - 2SC5147

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5147 ROHM-2SC5147 Datasheet
39Kb / 1P
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SC5147 ROHM-2SC5147 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Inchange Semiconductor ...
2SC5147 ISC-2SC5147 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5147

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC2275 FOSHAN-2SC2275 Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC2275A FOSHAN-2SC2275A Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC3834F FOSHAN-2SC3834F Datasheet
947Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC3852 FOSHAN-2SC3852 Datasheet
808Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC5171 FOSHAN-2SC5171 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SD1833 FOSHAN-2SD1833 Datasheet
858Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SD1913 FOSHAN-2SD1913 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
MJE13005DR8 FOSHAN-MJE13005DR8 Datasheet
875Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
MJE13007V8 FOSHAN-MJE13007V8 Datasheet
847Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
MJE13007X8 FOSHAN-MJE13007X8 Datasheet
881Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com