Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32C Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP32C
Description  Silicon PNP transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP32C Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP32C Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32C Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32C Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32C Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32C Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32C Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP32
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-220 Plastic Package.

与 TIP31 互补。
Complement to TIP31.
用于中功率线性开关放大。
Medium power linear switching applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
MJE15035 FOSHAN-MJE15035 Datasheet
992Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
2N6125 FOSHAN-2N6125 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com