Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86XXX Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 20Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 21Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 22Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 23Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 24Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 25Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 26Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 27Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 28Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
HT86XXX
Rev. 1.00
25
November 1, 2002
Mask option
Mask Option
Description
PA Wake-up
Enable/disable PA wake-up function
Watchdog Timer (WDT)
Enable/disable WDT function
One or two CLR instruction
WDT clock source is from WDTOSC or T1
External INT Trigger Edge
External INT is triggered on falling edge only, or is triggered on falling and rising
edge.
Timer 3 Clock Source
Timer3
¢s clock source is from T1, or is from the external 32kHz crystal which is
connected to PC6 and PC7.
External Timer 0/1 Clock Source Enable/disable external timer of timer 0 and timer 1, share with PC4 and PC5.
Low Voltage Reset (LVR)
Enable/disable low voltage reset
Low voltage reset at 2.2V or 3.3V.
PA Pull-high
Enable/disable PA pull-high
PB Pull-high
Enable/disable PB pull-high
PC Pull-high
Enable/disable PC pull-high
FOSC
- ROSC table (VDD=5V)
FOSC
ROSC
4MHz
±10%
6MHz
±10%
8MHz
±10%
100k
W
75k
W
62k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com