Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT93214 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT93214
Description  1-memory Tone/Pulse Dialer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93214 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT93214 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 9Page - Holtek Semiconductor Inc HT93214 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HT93214 Series
Rev. 1.10
6
October 2, 2002
Functional Description
Keyboard matrix
C1~C3, HKS and R1~R4 form a keyboard matrix. To-
gether with a standard 4
´4 keyboard, the keyboard
matrix is used for dialing entries. The keyboard ar-
rangement of the HT93214 series is shown in the Key-
board Information.
Tone frequency
Tone
Name
Output Frequency (Hz)
% Error
Specified
Actual
R1
697
699
+0.29%
R2
770
766
-0.52%
R3
852
847
-0.59%
R4
941
948
+0.74%
C1
1209
1215
+0.50%
C2
1336
1332
-0.30%
C3
1477
1472
-0.34%
Note: % Error does not contain the crystal frequency
drift
Dialing specification selection
· The specifications are selected by the MODE pin.
MODE
Tone/Pulse
Dial Rate
M/B Ratio
VDD
Pulse
10pps
1/2
VSS
Tone
¾¾
Floating
Pulse
20pps
1/2
· The MODE pin status is checked whenever a digit key
is pressed, however the M/B and pulse rate are deter-
mined at the first key entry.
Hand-free function operation
· When HFO is low, a falling edge triggers the HFI,en-
abling the Hand-free function (HFO becomes high).
· Reset Hand-free function
When HFO is high, the Hand-free function is enabled
and can be reset by:
¨ Off-hook
¨ Applying a falling edge to HFI
· Hand-free function table
Current State
Next State
Hook SW
HFO
Input
HFO
Dialing?
¾
Low
HFI
¯
High
Yes
On-hook
High
HFI
¯
Low
No
Off-hook
High
HFI
¯
Low
Yes
On-hook
¾
of
off-hook
Low
Yes
Off-hook
Low
on-hook
Low
No
Off-hook
High
on-hook
High
Yes
Flash
Two flash keys are provided, namely F1, F2 for both se-
ries. All the flash key function as control key with differ-
ent break duration. Whenever a flash key is pressed the
PO pin will be forced low for a TF duration and the trans-
mission of the new digit key inputs will be further de-
layed for a TFP after TF. See the following table for flash
duration selection.
Item
F1
F2
HT93214
300ms
600ms
Key definition
· 0,1,2,3,4,5,6,7,8,9 keys
These are dialing number input keys for both the
pulse mode and the tone mode operation.
· */T
This key executes the P
®T function and waits a TP®T
duration in the pulse mode. On the other hand, the
*/T
key executes the
* function in the tone mode. The */T
key will occupy one memory digit in either tone or
pulse mode.
· #
This is a dialing signal key for the tone mode only, no
response in the pulse mode.
· F1, F2
Pressing one of the flash keys will force the PO pin to
become low for the TF duration. To transmit the dial
signals of the key input that are entered after the F
key, a wait period TFP (sec) after PO pin returns from
low is provided.
· P
Pause key. The execution of this key pauses the out-
put for the TP duration (2.2s).
· R
Redial key. It executes redialing as well as one-key re-
dial function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com