Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1012 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1012
Description  Silicon PNP transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1012 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1012 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1012 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1012 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1012 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1012 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1012 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SA1012
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1
/ 6
TO-220 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-220 Plastic Package.

饱和压降低,开关速度快,与 2SC2562 互补。
Low collector saturation voltage, high speed switching time, complementary to 2SC2562.

用于大电流开关。
High current switching applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / h
FE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
O
Y
hFE Range
70~140
120~240
3
2
1


Similar Part No. - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
logo
Inchange Semiconductor ...
2SA1012 ISC-2SA1012 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1012 SAVANTIC-2SA1012 Datasheet
135Kb / 5P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
MJE15035 FOSHAN-MJE15035 Datasheet
992Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP32C FOSHAN-TIP32C Datasheet
904Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com