Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS66203 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS66203
Description  HDTV Audio/Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS66203 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS66203 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS662-03
MDS 662-03 C
1
Revision 082003
Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 295-9800 ●
www.icst.com
HDTV Audio/Video Clock Source
Description
The ICS662-03 provides synchronous clock generation
for audio sampling clock rates derived from an HDTV
stream. The device uses the latest PLL technology to
provide superior phase noise and long term jitter
performance. The device also supports a 27 MHz
output clock for video MPEG applications from an
HDTV reference clock.
Please contact ICS if you have a requirement for an
input and output frequency not included here.
Features
• Packaged in 8 pin SOIC
• HDTV clock input
• Low phase noise
• Exact (0 ppm) multiplication ratios
• Support for 256 and 384 times sampling rate
• Supports 27 MHz output for video (MPEG)
Block Diagram
PLL
Clock
Synthesis
CLK
REF_IN
Control
Circuitry
GND
VDD
SEL3:0


Similar Part No. - ICS66203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS662M-02 ICST-ICS662M-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
ICS662M-02TR ICST-ICS662M-02TR Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
More results

Similar Description - ICS66203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
Digital Video Clock Source
Revision 091404
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
100907
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com