Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94222 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS94222 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ICS94222
Advance Information
This document is confidential and should not be released
without written consent from ICS.
1.
The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification.
Readback will support standard SMBUS controller protocol. The number of bytes to readback is defined by writing to
byte 8.
2.
When writing to byte 11 - 12, and byte 13 - 14, they must be written as a set. If for example, only byte 14 is written
but not 15, neither byte 14 or 15 will load into the receiver.
3.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
4.
The input is operating at 3.3V logic levels.
5.
The data byte format is 8 bit bytes.
6.
To simplify the clock generator I2C interface, the protocol is set to use only Block-Writes from the controller. The bytes
must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been
transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes.
The data is loaded until a Stop sequence is issued.
7.
At power-on, all registers are set to a default condition, as shown.
Notes:
Brief I
2C registers description for ICS94222
Programmable System Frequency Generator
R egister N ame
Byte
D escrip tion
PW D D efault
Functionality & Frequency
Select Register
0
O utput frequency, hardw are / I
2C
frequency select, spread spectrum &
output enable control register.
See individual
byte description
O utput Control Registers
1-6
A ctive / inactive output control
registers/latch inputs read back.
See individual
byte description
V endor ID & Revision ID
Registers
7
Byte 11 bit[7:4] is ICS vendor id - 1001.
Other bits in this register designate device
revision ID of this part.
See individual
byte description
Byte Count
Read Back Register
8
Writing to this register w ill configure
byte count and how many byte w ill be
read back. D o not w rite 00H to this byte.
08H
Watchdog Control Registers
9 Bit [6:0]
Watchdog enable, w atchdog status and
programmable 'safe' frequency' can be
configured in this register.
000,0000
V CO Control Selection Bit
9 Bit [7]
This bit select w hether the output
frequency is control by hardw are/byte 0
configurations or byte 11&12
programming.
0
Watchdog Timer
Count Register
10
Writing to this register w ill configure the
number of seconds for the w atchdog
timer to reset.
10H
V CO Frequency Control
Registers
11-12
These registers control the dividers ratio
into the phase detector and thus control
the V CO output frequency.
D epended on
hardw are/byte 0
configuration
Spread Spectrum Control
Registers
13-14
These registers control the spread
percentage amount.
D epended on
hardw are/byte 0
configuration
G roup Skew s Control
Registers
15-16
Increment or decrement the group skew
amount as compared to the initial skew .
See individual
byte description
O utput Rise/Fall Time
Select Registers
17-20
These registers w ill control the output
rise and fall time.
See individual
byte description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com