Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97A6 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MAC97A6
Description  Triac in a TO-92 Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MAC97A6 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MAC97A6 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MAC97A6 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAC97A6
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Gate trigger voltage
VGT
VD=12V
IT=0.1A
0.9
2.0
V
VD=VDRM
IT=0.1A
Tj=110℃
0.1
0.7
Off-state leakage current
ID
VD=VDRM(max) Tj=110℃
3.0
100
μA
Gate Controlled Turn–On Time
tgt
ITM=1.0A
VD=VDRM
IG=25mA,dIG/dt=5A/μs
2.0
μs
Critical Rate–of–Rise of
Commutation Voltage
dVD/dt
VD=67% of VDM(max),
Tcase=110℃
exponential waveform
gate open circuit
30
45
V/μs
Critical Rate–of–Rise of Off
State Voltage
dVcom/dt
VD=rated VDRM,
Tcase=50℃
ITM=0.84A
Commutating
dI/dt=0.3A/ms
5.0
V/μs
Critical rate of rise of off-state
current
IDRM
VD=Rated VDRM Tj=110℃
GateOpen
0.1
mA
Repetitive peak off-state
current
IRRM
0.1
mA
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com