Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV7722 Datasheet(PDF) 1 Page - Seme LAB

Part # CV7722
Description  Bipolar NPN Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV7722 Datasheet(HTML) 1 Page - Seme LAB

  CV7722 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CV7722
Bipolar NPN Device.
V
CEO =
80V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
1
A
h
FE
@ 10.0/0.15 (V
CE / IC)
30
100
-
f
t
60M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - CV7722

ManufacturerPart #DatasheetDescription
logo
Seme LAB
CV7723 SEME-LAB-CV7723 Datasheet
11Kb / 1P
Bipolar NPN Device
CV7723L-O SEME-LAB-CV7723L-O Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
CV7726 SEME-LAB-CV7726 Datasheet
11Kb / 1P
Bipolar NPN Device
More results

Similar Description - CV7722

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N4895 SEME-LAB-SF_2N4895 Datasheet
11Kb / 1P
Bipolar NPN Device
SF_2N4924 SEME-LAB-SF_2N4924 Datasheet
11Kb / 1P
Bipolar NPN Device
SF_2N6033 SEME-LAB-SF_2N6033 Datasheet
12Kb / 1P
Bipolar NPN Device
SF_2N6673 SEME-LAB-SF_2N6673 Datasheet
12Kb / 1P
Bipolar NPN Device
SF_BSX21 SEME-LAB-SF_BSX21 Datasheet
10Kb / 1P
Bipolar NPN Device
SF_BSX52 SEME-LAB-SF_BSX52 Datasheet
10Kb / 1P
Bipolar NPN Device
SF_BUX16 SEME-LAB-SF_BUX16 Datasheet
11Kb / 1P
Bipolar NPN Device
SF_BUX67 SEME-LAB-SF_BUX67 Datasheet
11Kb / 1P
Bipolar NPN Device
SF_2N6263 SEME-LAB-SF_2N6263 Datasheet
11Kb / 1P
Bipolar NPN Device
BUL48B SEME-LAB-BUL48B Datasheet
14Kb / 1P
Bipolar NPN Device.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com