Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS0551T Datasheet(PDF) 1 Page - International Rectifier

Part # IPS0551T
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0551T Datasheet(HTML) 1 Page - International Rectifier

  IPS0551T Datasheet HTML 1Page - International Rectifier IPS0551T Datasheet HTML 2Page - International Rectifier IPS0551T Datasheet HTML 3Page - International Rectifier IPS0551T Datasheet HTML 4Page - International Rectifier IPS0551T Datasheet HTML 5Page - International Rectifier IPS0551T Datasheet HTML 6Page - International Rectifier IPS0551T Datasheet HTML 7Page - International Rectifier IPS0551T Datasheet HTML 8Page - International Rectifier IPS0551T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Over temperature shutdown
• Over current shutdown
• Active clamp
• Low current & logic level input
• E.S.D protection
IPS0551T
FULLY PROTECTED POWER MOSFET SWITCH
Data Sheet No. PD60160-A
Package
Product Summary
Typical Connection
Description
The IPS0551T is a fully protected three terminal SMART
POWER MOSFET that features over-current, over-tem-
perature, ESD protection, and drain to source active
clamp. This device combines a HEXFET® POWER
MOSFET and a gate driver. It offers full protection and
high reliability required in harsh environments. The driver
allows short switching times and provides efficient protec-
tion by turning OFF the power MOSFET when temperature
exceeds 165oC or when the drain current reaches 100A.
The device restarts once the input is cycled. The ava-
lanche capability is significantly enhanced by the active
clamp and covers most inductive load demagnetiza-
tions.
Rds(on)
5.2m
Ω (max)
V clamp
40V
Ishutdown
100A
Ton/Toff
4
µs
SUPER SMD220
Advance Information
SUPER TO220
L o a d
R in s e r ie s
( if n eed ed )
L ogic s ig n a l
IN
D
co n t r o l
S
www.irf.com
1


Similar Part No. - IPS0551T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS050N03LG INFINEON-IPS050N03LG Datasheet
636Kb / 12P
Fast switching MOSFET for SMPS Optimized technology for DC/DC converters
Rev. 1.02 2008-04-15
IPS050N03LG INFINEON-IPS050N03LG Datasheet
1,006Kb / 12P
OptiMOS짰3 Power-Transistor
Rev. 2.0 2013-10-28
IPS05N03LA INFINEON-IPS05N03LA Datasheet
434Kb / 11P
OptiMOS 2 Power-Transistor
2004-05-19
IPS05N03LA INFINEON-IPS05N03LA Datasheet
404Kb / 12P
OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPS05N03LAG INFINEON-IPS05N03LAG Datasheet
404Kb / 12P
OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
More results

Similar Description - IPS0551T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS022G IRF-IPS022G Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS024G IRF-IPS024G Datasheet
102Kb / 10P
QUAD FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021L IRF-IPS021L Datasheet
110Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com