Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM01-R-CAP(D1) Datasheet(PDF) 4 Page - DDK Ltd.

Part # CM01-R-CAP(D1)
Description  M12 Sized & Sealed Circular Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP(D1) Datasheet(HTML) 4 Page - DDK Ltd.

  CM01-R-CAP(D1) Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 2Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 3Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 4Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
CM02B Series
http://www.ddknet.co.jp
◎
Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Plug Receptacle with Metal Shell and Socket Contacts
○Plug Insert Assembly with Socket Contacts for PCB Mount
4
2.5
2.5
10
15
3.5
Coding Pin
φ1.4
φ1.6±0.1
45°
4-φ1
3.2
PCB Mounting Dimension
P/N
CM02-8DP4SD(D1)-FG
9
Panel Thickness : 3mmMax.
28.5
16
6.3
M16×1Thread
M12×1Thread
Solder Cup Dia.1.3
19
0
+0.
3
φ1
6
Panel Cutout Dimension
1
2
3
4
1
4
3
2
M12×1.0Thread
M16×1.0Thread
15.8
19
φ16
+0.1
0
(Panel Thickness : 3mm Max.)
Panel Cutout Dimension
9
Panel Thickness : 3mmMax.
28.5
16
6.3
M16×1Thread
M12×1Thread
Dip Tail Dia.φ2
Land
4-φ2.2
5
PCB Mounting Dimension
19
0
+0.
3
φ1
6
Panel Cutout Dimiension
Soldering
Soldering
Solder Dip
◎ CM01 Series
◎ CM01 Series
P/N
CM02-8DPR4S-CF
P/N
CM01-8DPRA-4SD-CF(01)
P/N
CM01-8DPRA-4S-CF(01)
・P C B Contacts
・Rear-mount configuration
・Rear-mount configuration
・P C B Contacts
・No shell
・Rear-mount configuration
Please varify that above P/N is NOT waterproof type.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com