Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9162 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9162
Description  300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9162 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9162 Datasheet HTML 1Page - Richtek Technology Corporation RT9162 Datasheet HTML 2Page - Richtek Technology Corporation RT9162 Datasheet HTML 3Page - Richtek Technology Corporation RT9162 Datasheet HTML 4Page - Richtek Technology Corporation RT9162 Datasheet HTML 5Page - Richtek Technology Corporation RT9162 Datasheet HTML 6Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RT9162
DS9162-07 June 2000
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Input Voltage VIN
15V
Power Dissipation
TO-92
0.6W
SOT-89
0.5W
Operating Junction Temperature Range
−40°C to 125°C
Storage Temperature Range
−50°C to 150°C
Electrical Characteristics
(VIN=5.0V, TA=25
°C, unless otherwise specified )
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RT9162-33
3.235
3.300
3.365
Output Voltage
(1)
RT9162-35
3.430
3.500
3.570
V
Line Regulation
(1)
VIN = 5V–15V
--
0.1
0.4
%
Load Regulation
(1)
IL = 0 - 300mA
--
0.2
0.4
%
Dropout Voltage
(2)
∆VOUT = 1%
--
1.2
1.3
V
Current Limit
--
400
--
--
mA
Quiescent Current
--
--
4.5
8
mA
Temperature Coefficient
--
--
0.005
--
%/°C
Temperature Stability
--
--
0.5
--
%
RMS Output Noise
(3)
--
--
0.003
--
%/VOUT
Notes:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Dropout voltage is defined as the input to output differential at which the output voltage drops 1% below the
value measured with a 2V differential.
(3) Bandwidth of 10 Hz to 10 kHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com