Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L221 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L221
Description  Power Schottky Rectifier with common cathode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L221 Datasheet(HTML) 1 Page - IXYS Corporation

  L221 Datasheet HTML 1Page - IXYS Corporation L221 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Pulse test:
 Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
AC
A
TO-247 AD
A = Anode, C = Cathode , TAB = Cathode
A
A
C
C (TAB)
Features
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM-values
• Epoxy meets UL 94V-0
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
Dimensions see outlines.pdf
Power Schottky Rectifier
with common cathode
DSSK 40-0015B
Symbol
Conditions
Maximum Ratings
I
FRMS
50
A
I
FAV
T
C = 135
°C; rectangular, d = 0.5
20
A
I
FAV
T
C = 135
°C; rectangular, d = 0.5; per device
40
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
350
A
E
AS
I
AS = tbd A; L = 180 µH; TVJ = 25°C; non repetitive
tbd
mJ
I
AR
V
A =1.5 • VRRM typ.; f=10 kHz; repetitive
tbd
A
(dv/dt)
cr
tbd
V/
ms
T
VJ
-55...+150
°C
T
VJM
150
°C
T
stg
-55...+150
°C
P
tot
T
C = 25
°C90
W
M
d
mounting torque
0.8...1.2
Nm
Weight
typical
6
g
I
FAV
= 2x20 A
V
RRM = 15 V
V
F
= 0.32 V
V
RSM
V
RRM
Type
V
V
15
15
DSSK 40-0015B
Symbol
Conditions
Characteristic Values
typ.
max.
I
R

T
VJ = 25
°CV
R = VRRM
10
mA
T
VJ = 100
°CV
R = VRRM
200
mA
V
F
I
F =
20 A;
T
VJ = 125
°C
0.32
V
I
F =
20 A;
T
VJ =25
°C
0.44
V
I
F =
40 A;
T
VJ = 125
°C
0.41
V
R
thJC
1.4
K/W
R
thCH
0.25
K/W
Preliminary Data


Similar Part No. - L221

ManufacturerPart #DatasheetDescription
logo
AG Electronica
L2210-16 AGELECTRONICA-L2210-16 Datasheet
333Kb / 1P
MOTOR SIN ESCOBILLAS 1650 RPM/V 250W
24/12/15
L2210-1650 AGELECTRONICA-L2210-1650 Datasheet
333Kb / 1P
MOTOR SIN ESCOBILLAS 1650 RPM/V 250W
24/12/15
logo
Schneider Electric
L221N SCHNEIDER-L221N Datasheet
167Kb / 3P
SWITCH FUSIBLE LD 120/240V 30A 2P NEMA1Safety switch, light duty, fusible, 30A, 2 poles, 240 VAC, NEMA 1, neutral factory installed
Jun 23, 2021
More results

Similar Description - L221

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSSK80-0045 IXYS-DSSK80-0045 Datasheet
72Kb / 2P
Power Schottky Rectifier with common cathode
DSSK28-006B IXYS-DSSK28-006B Datasheet
141Kb / 1P
Power Schottky Rectifier with common cathode
DSSK80-006B IXYS-DSSK80-006B Datasheet
131Kb / 1P
Power Schottky Rectifier with common cathode
DSSK40-0015B IXYS-DSSK40-0015B Datasheet
34Kb / 2P
Power Schottky Rectifier with common cathode
DSSK20-0045A IXYS-DSSK20-0045A Datasheet
43Kb / 2P
Power Schottky Rectifier with common cathode
DSSK28-0045A IXYS-DSSK28-0045A Datasheet
46Kb / 2P
Power Schottky Rectifier with common cathode
DSSK60-0045A IXYS-DSSK60-0045A Datasheet
154Kb / 2P
Power Schottky Rectifier with common cathode
DSSK10-018A IXYS-DSSK10-018A Datasheet
46Kb / 2P
Power Schottky Rectifier with common cathode
DSSK60-0045B IXYS-DSSK60-0045B Datasheet
39Kb / 2P
Power Schottky Rectifier with common cathode
DSSK48-0025B IXYS-DSSK48-0025B Datasheet
142Kb / 1P
Power Schottky Rectifier with common cathode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com