Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIPO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LIPO
Description  Lipofectamine 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LIPO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LIPO Datasheet HTML 1Page - List of Unclassifed Manufacturers LIPO Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
Transfection Procedure
Use the following procedure to transfect mammalian cells in a 24-well format. To transfect cells in other formats, see Scaling
Up or Down Transfections.
1.
Adherent cells: One day before transfection, plate 0.5-2 x 105 cells in 500
µl of growth medium without antibiotics per
well so that they will be 90-95% confluent at the time of transfection.
Suspension cells: On the day of transfection just prior to preparing complexes, plate 4-8 x 105 cells in 500
µl of growth
medium without antibiotics per well.
2.
For each transfection sample, prepare DNA-Lipofectamine2000 complexes as follows:
a.
Dilute DNA in 50
µl of Opti-MEM® I Reduced Serum Medium without serum (or other medium without serum). Mix
gently.
b.
Mix Lipofectamine2000 gently before use, then dilute the appropriate amount in 50
µl of Opti-MEM® I Medium (or
other medium without serum). Mix gently and incubate for 5 minutes at room temperature. Note: Combine the
diluted Lipofectamine2000 with the diluted DNA within 30 minutes. Longer incubation times may decrease
activity. If D-MEM is used as a diluent for the Lipofectamine2000, mix with the diluted DNA within 5 minutes.
c.
After the 5 minute incubation, combine the diluted DNA with the diluted Lipofectamine2000 (total volume is
100
µl). Mix gently and incubate for 20 minutes at room temperature to allow the DNA-Lipofectamine2000
complexes to form. The solution may appear cloudy, but this will not inhibit the transfection. Note: DNA-
Lipofectamine2000 complexes are stable for 6 hours at room temperature.
3.
Add the 100
µl of DNA-Lipofectamine2000 complexes to each well containing cells and medium. Mix gently by rocking
the plate back and forth.
4.
Incubate the cells at 37°C in a CO2 incubator for 24-48 hours until they are ready to assay for transgene expression. It is
not necessary to remove the complexes or change the medium; however, growth medium may be replaced after 4-6 hours
without loss of transfection activity.
5.
For stable cell lines: Passage the cells at a 1:10 or higher dilution into fresh growth medium 24 hours after transfection.
Add selective medium the following day.
For suspension cells: Add PMA and/or PHA (if desired) 4 hours after adding the DNA-Lipofectamine2000 complexes
to the cells. Tip: For Jurkat cells, adding PHA-L and PMA at final concentrations of 1
µg/ml and 50 ng/ml, respectively,
enhances CMV promoter activity and gene expression. For K562 cells, adding PMA alone is sufficient to enhance
promoter activity.
Scaling Up or Down Transfections
To transfect cells in different tissue culture formats, vary the amounts of Lipofectamine2000, DNA, cells, and medium used
in proportion to the difference in surface area (see table). With automated, high-throughput systems, larger complexing
volumes are recommended for transfections in 96-well plates. Note: You may perform rapid 96-well plate transfections (plate
cells and transfect simultaneously) by adding a suspension of cells directly to complexes prepared in the plate. Prepare
complexes and add cells at twice the cell density as in the basic protocol in a 100
µl volume. Cells will adhere as usual in the
presence of DNA-Lipofectamine2000 complexes.
Culture
Vessel
Surface Area
per Well (cm2)
Relative Surface
Area (vs. 24-well)
Volume of Plating
Medium
DNA (
µg) and
Dilution Volume (
µl)
Lipofectamine2000 (
µl)
and Dilution Volume (
µl)
96-well
0.3
0.2
100
µl
0.2
µg in 25 µl
0.5
µl in 25 µl
24-well
2
1
500
µl
0.8
µg in 50 µl
2.0
µl in 50 µl
12-well
4
2
1 ml
1.6
µg in 100 µl
4.0
µl in 100 µl
35-mm
10
5
2 ml
4.0
µg in 250 µl
10
µl in 250 µl
6-well
10
5
2 ml
4.0
µg in 250 µl
10
µl in 250 µl
60-mm
20
10
5 ml
8.0
µg in 0.5 ml
20
µl in 0.5 ml
10-cm
60
30
15 ml
24
µg in 1.5 ml
60
µl in 1.5 ml
Note: Surface areas are determined from actual measurements of tissue culture vessels.
Optimizing Transfection
To obtain the highest transfection efficiency and low non-specific effects, optimize transfection conditions by varying DNA
and Lipofectamine2000 concentrations, and cell density. Make sure that cells are greater than 90% confluent and vary
DNA (
µg):Lipofectamine2000 (µl) ratios from 1:0.5 to 1:5.
©2000-2002 Invitrogen Corporation. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com