Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6640 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6640 Datasheet HTML 1Page - National Semiconductor (TI) LMH6640 Datasheet HTML 2Page - National Semiconductor (TI) LMH6640 Datasheet HTML 3Page - National Semiconductor (TI) LMH6640 Datasheet HTML 4Page - National Semiconductor (TI) LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2 KV
Machine Model
200V
V
IN Differential
±2.5V
Input Current
±10 mA
Supply Voltages (V
+ –V−)
18V
Voltage at Input/Output Pins
V
+ +0.8V, V− −0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Operating Ratings (Note 3)
Supply Voltage (V
+ –V−)
4.5V to 16V
Operating Temperature Range
(Note 4)
−40˚C to +85˚C
Package Thermal Resistance (Note 4)
5-Pin SOT23
265˚C/W
5V Electrical Characteristics
Unless otherwise specified, All limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =VCM =V
+/2 and R
L =2k
Ω to V+/2.
Boldface limits apply at temperature extremes. (Note 9)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3 dB Bandwidth
A
V =+1(RL = 100
Ω)
150
MHz
A
V =−1(RL = 100
Ω)58
BW
0.1 dB
0.1 dB Gain Flatness
A
V = −3
18
MHz
FPBW
Full Power Bandwidth
A
V = +1, VOUT =2VPP,−1dB
28
MHz
LSBW
-3 dB Bandwidth
A
V = +1, VO =2VPP (RL = 100
Ω)
32
MHz
GBW
Gain Bandwidth Product
A
V = +1, (RL = 100
Ω)
59
MHz
SR
Slew Rate (Note 8)
A
V = −1
170
V/µs
e
n
Input Referred Voltage Noise
f = 10 kHz
23
nV/
f = 1 MHz
15
i
n
Input Referred Current Noise
f = 10 kHz
1.1
pA/
f = 1 MHz
0.7
THD
Total Harmonic Distortion
f = 5 MHz, V
O =2VPP,AV =+2
R
L =1k
Ω to V+/2
–65
dBc
t
s
Settling Time
V
O =2VPP, ±0.1%, AV =−1
35
ns
V
OS
Input Offset Voltage
15
7
mV
I
B
Input Bias Current (Note 7)
−1.2
−2.6
−3.25
µA
I
OS
Input Offset Current
34
800
1400
nA
CMVR
Common Mode Input Voltage
Range
CMRR
≥ 50 dB
–0.3
–0.2
–0.1
V
4.0
3.6
4.1
CMRR
Common Mode Rejection Ratio
V
−
≤ V
CM
≤ V+ −1.5V
72
90
dB
A
VOL
Large Signal Voltage Gain
V
O =4VPP,RL =2k
Ω to V+/2
86
82
95
dB
V
O = 3.75 VPP,RL = 150
Ω to V+/2
74
70
78
V
O
Output Swing High
R
L =2k
Ω to V+/2
4.90
4.94
V
R
L = 150
Ω to V+/2
4.75
4.80
Output Swing Low
R
L =2k
Ω to V+/2
0.06
0.10
R
L = 150
Ω to V+/2
0.20
0.25
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com