Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4198ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4198ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4198 (+5V Supply) (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, V SHDN = VCC - 1.5V, typical values are at TA = +25°C,
TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
ELECTRICAL CHARACTERISTICS—MAX4198 (+3V Supply)
(VCC = +3V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, VSHDN = VCC - 1.5V, typical values are at TA = +25°C, TA = TMIN
to TMAX, unless otherwise noted.) (Note 1)
VOUT = 3.5V, settled to within 0.1%
VSHDN = VIL
V SHDN = VCC - 1.5V or V SHDN = VEE
VCM = VCC / 2, VIN+ = VIN-
VOUT = 2Vp-p, f = 1kHz
CONDITIONS
µs
800
Power-Up Delay
µA
-0.1
0.1
SHDN Input Bias Current
V
VCC - 2.5
VIL
Input Logic Voltage Low (Note 3)
V
VCC - 1.5
VIH
Input Logic Voltage High (Note 3)
µA
6.5
12
ISHDN
Shutdown Supply Current
µA
45
55
ICC
Supply Current
pF
690
CL
Capacitive Load Stability
%
0.001
THD
Total Harmonic Distortion
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V SHDN = VCC - 2.5V to VCC - 1.5V,
VOUT = 3.5V, settled to within 0.1%
µs
28
tON/OFF
Enable/Disable Settling Time
±0.65
±6
VEE + 0.1V ≤
VOUT ≤ VCC -
0.1V
MAX4198ESA
Guaranteed by CMR test
VCM = VCC / 2,
TA = +25°C
Sink/source
V
RL = 5kΩ, ±10mV input overdrive
VEE - 0.1
VCC + 0.1
RL = 25kΩ, ±10mV input overdrive
RL = 25kΩ, VEE + 0.1V ≤
VOUT ≤ VCC - 0.1V
VCM = VEE - 0.1
to VCC + 0.1
TA = +25°C,
VCM = VCC / 2
MAX4198ESA
MAX4198EUA
RL = 5kΩ, VEE + 0.2V ≤
VOUT ≤ VCC - 0.2V
CONDITIONS
MAX4198EUA
Gain Temperature Coefficient
ppm/°C
±0.2
±3
±0.01
±0.1
%
±0.01
±0.1
mA
±4.5
Short-Circuit Current
VEE + 0.2
VEE + 0.1 to
to VCC - 0.2
VCC - 0.1
Output Voltage Swing
V
VEE + 0.1 VEE + 0.03 to
to VCC - 0.1
VCC - 0.03
Gain Error
±850
VIN
Input Voltage Range
±100
±1100
±35
±600
dB
74
90
CMRDC
DC Common-Mode Rejection
µV
±2400
VOS
Input Offset Voltage
±0.5
±5.0
µV/°C
±1.0
±20
TCO
Input Offset Voltage Drift
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4198ESA
MAX4198EUA
MAX4198ESA
MAX4198EUA
6.5
VCM = VCC / 2, VDIFF = 0
ICC
Supply Current
µA
42
µA
ISHDN
Shutdown Supply Current
VCC - 2.5
VIH
Input Logic High Voltage (Note 3)
V
VCC - 1.5
V
VIL
Input Logic Low Voltage (Note 3)
TA = TMIN to TMAX,
VCM = VCC / 2
70
90
MAX4198EUA
MAX4198ESA
VOUT = 2Vp-p step
µs
34
ts
Settling Time to 0.1%
VOUT = 2Vp-p step
V/µs
0.07
SR
Slew Rate
VOUT ≤ 0.1Vp-p, VCM = VCC / 2
kHz
175
BW-3dB
-3dB Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com