Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4186 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SGA-4186
Description  DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-4186 Datasheet(HTML) 1 Page - Stanford Microdevices

  SGA-4186 Datasheet HTML 1Page - Stanford Microdevices SGA-4186 Datasheet HTML 2Page - Stanford Microdevices SGA-4186 Datasheet HTML 3Page - Stanford Microdevices SGA-4186 Datasheet HTML 4Page - Stanford Microdevices SGA-4186 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Description
EDS-100637 Rev. D
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
SGA-4186
DC-5000 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• Broadband Operation: DC-5000 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
Sirenza Microdevices’ SGA-4186 is a high performance SiGe
HBT MMIC Amplifier. A Darlington configuration featuring 1
micron emitters provides high F
T and excellent thermal
perfomance. The heterojunction increases breakdown voltage
and minimizes leakage current between junctions. Cancellation
of emitter junction non-linearities results in higher suppression
of intermodulation products. At 850 Mhz and 45mA , the SGA-
4186 typically provides +28.3 dBm output IP3, 10 dB of gain,
and +14.6 dBm of 1dB compressed power using a single positive
voltage supply. Only 2 DC-blocking capacitors, a bias resistor
and an optional RF choke are required for operation.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
0
.
90
.
0
1
2
.
9
9
.
8
0
.
1
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
6
.
4
1
4
.
2
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
3
.
8
2
5
.
5
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
0
5
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
13
.
0
2
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
14
.
4
2
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
10
.
5
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
9
.
22
.
35
.
3
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m1
45
49
4
R
H
T
l-
j
,
)
d
a
e
l
o
t
n
o
it
c
n
u
j(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
Test Conditions:
V
S = 8 V
I
D = 45 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -5 dBm
R
BIAS = 110 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
0
4
8
12
16
012
345
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
T
L=+25ºC


Similar Part No. - SGA-4186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4186 ETC-SGA-4186 Datasheet
271Kb / 4P
DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186Z SIRENZA-SGA-4186Z Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-4186

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-4163 STANFORD-SGA-4163 Datasheet
395Kb / 5P
DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2286 ETC1-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3386 ETC1-SGA-3386 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2263 SIRENZA-SGA-2263 Datasheet
251Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5386 SIRENZA-SGA-5386 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2386 SIRENZA-SGA-2386 Datasheet
95Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com