Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB215I Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB215I
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215I Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB215I Datasheet HTML 9Page - Texas Instruments TUSB215I Datasheet HTML 10Page - Texas Instruments TUSB215I Datasheet HTML 11Page - Texas Instruments TUSB215I Datasheet HTML 12Page - Texas Instruments TUSB215I Datasheet HTML 13Page - Texas Instruments TUSB215I Datasheet HTML 14Page - Texas Instruments TUSB215I Datasheet HTML 15Page - Texas Instruments TUSB215I Datasheet HTML 16Page - Texas Instruments TUSB215I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
NC
NC
DCBOOST/ENA_HS
D2P
D2M
SCL/CD
VCC
SDA
D1P
D1N
100 nF
100 nF
REQ
+5 V
100 nF
1 PF
+5 V
RDC1
RDC2
USB
Host or Hub
CON_D2P
CON_D2N
USB_D1P
USB_D1N
Copyright © 2017, Texas Instruments Incorporated
13
TUSB215
www.ti.com
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 7. Reference Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com