Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2580A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2580A
Description  Hot-Swap PCI Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2580A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2580A Datasheet HTML 1Page - Micrel Semiconductor MIC2580A Datasheet HTML 2Page - Micrel Semiconductor MIC2580A Datasheet HTML 3Page - Micrel Semiconductor MIC2580A Datasheet HTML 4Page - Micrel Semiconductor MIC2580A Datasheet HTML 5Page - Micrel Semiconductor MIC2580A Datasheet HTML 6Page - Micrel Semiconductor MIC2580A Datasheet HTML 7Page - Micrel Semiconductor MIC2580A Datasheet HTML 8Page - Micrel Semiconductor MIC2580A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MIC2580A
Micrel, Inc.
MIC2580A
2
February 2005
Pin Configuration
1
12VOUT
3VGATE
3VOUT
3VSENSE
3VIN
/PCIRST
/LPCIRST
/EPWRGD
/PWRGD
VPCHG
24 12VIN
5VGATE
5VOUT
5VSENSE
5VIN
/FAULT
CSTART
CSLEW
/POR
CRST
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
GND
/ON
11
M12VIN
M12VOUT
12
14
13
24-lead TSSOP (TS)
Pin Description
Pin Number
Pin Name
Pin Function
1
12VOUT
+12V Switched Supply (Output): Load carrying output.
2
3VGATE
3.3V Gate Drive (Output): Drives gate of external N-channel MOSFET +3V
switch. Adding capacitance will slow the slew rate of the external MOSFET
switch turn-on. (The external MOSFET’s gate is charged by an internal
current source.)
3
3VOUT
+3.3V Output Voltage Sense (Input): Connect to source of external
N-channel MOSFET (+3V switched output) to monitor for output undervolt-
age conditions.
4
3VSENSE
+3.3V Current Sense (Input): Measures voltage drop across an external
sense resistor with respect to 3VIN for overcurrent detection through the
+3.3V switch.
5
3VIN
3V Supply (Input): +3.3V-supply input for current monitoring (reference input
for 3VSENSE). Not a load-current carrying input.
6
/PCIRST
PCI-Bus Reset (Input): Input from PCI bus that resets the internal logic.
Ordering Information
Part Number
Precharge
Temperature
Standard
Pb-Free
Voltage
Range
Package
MIC2580A-1.0BTS
MIC2580A-1.0YTS
1V
–40°C to +85°C
24-lead TSSOP
MIC2580A-1.6BTS
MIC2580A-1.6YTS
1.6V
–40°C to +85°C
24-lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com