Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP9210 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMP9210
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9210 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMP9210 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMP9210 Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Advance Information
page 7 of 7
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
DAC Analog Characteristics
Symbol
Parameter
Condition
Min.
Type.
Max
Units
Static Performance
N
Resolution
10
Bits
INL
Relative Accuracy
-1.0
+/-0.5
+1.0
LSB
DNL
Differential Nonlinearity
GUARANTEED MONOTONIC
-1
+/-0.5
+1
LSB
VZSE
Zero Scale Error
Data = 000H
0
5
mV
VFS
Full Scale Voltage
Data = 3FFH
VrefH
V
TCV
Full-Scale Tempco
=/-15
ppm
MATCHING PERFORMANCE
Linearity Matching Error
+/-1
LSB
ANALOG OUTPUT
IOUT
Output Current
Data = 200H,
∆Vout ,3LSB
+/-5
mA
LDREG
Load Regualtion @
Halfscale
RL = 1K
Ω to infinity, Data = 200H
1
3
LSB
CL
Capacitive Load
No Oscillation
500
pF
Dynamic characteristics
BW_10K
Bandwidth –3dB
R = 10K
Ω
100
kHZ
THD
Total Harmonic Distortion
VA=1Vrms ,f=1KHz,
0.08
%
Channel to Channel
Isolation
f = 1KHz
VIN = 100mV p-p on VrefH
-60
dB
Digital Cross Talk
-60
dB
Reference Voltages
VrefH
VrefH > VrefL
Gnd+?
VCC
V
VrefL
VrefL < VrefH
Gnd
VCC-?
V
Power
ISY
VDD Supply Current
VDD = +5V, excludes Iref
100
µA
Iref
Reference Voltage Current
100
µA
VSY
Supply Voltage
2.7
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com