Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP9210S Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMP9210S
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9210S Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMP9210S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Advance Information
page 1 of 1
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
•
Two 10-bit Nonvolatile DACs
− INL ± 1LSB
− DNL: ± 1LSB
•
Programmable Configuration
•
Programmable Power-on Reset Options
− Recall Full Scale Value
− Recall Zero Scale Value
− Recall Mid-Scale Value
− Recall NV Register Value
•
Tandem or Independent Operation of DACs
•
Power-down mode (short VOUT to gnd)
OVERVIEW
The SMP9210 is a serial input, voltage output, dual
10-bit digital to analog converter. It can operate from
a single +2.7V to +5.5V supply. Internal precision
buffers swing rail-to-rail with an input reference range
from ground to the positive supply.
The SMP9210 integrates two 10-bit DACs and their
associated circuits that include; an enhanced unity
gain operational amplifier output, a 10-bit volatile data
latch, a 10-bit nonvolatile data register and an
industry standard 2-wire serial interface.
Dual 10-bit Nonvolatile DAC
In-system Programmable Analog
BLOCK DIAGRAM
IIS
SP
Pa
a™


Similar Part No. - SMP9210S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
More results

Similar Description - SMP9210S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
Micropower Dual 10-Bit DAC in MSOP
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Maxim Integrated Produc...
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Agamem Microelectronic ...
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
10-BIT DAC
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
10-BIT DAC
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
Dual 12-/10-/8-Bit SPI DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com