Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS12F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS12F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS12F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS12F~SS120F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
表面贴装肖特基整流二极管,反向电压:20~200V,正向电流:1.0A,薄型 SMAF 封装。
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:1.0A ,SMAF
thin package.
低功耗,高效率,正向浪涌电流大,适用于低压高频逆变器和极性保护,适用于表面贴装。无卤产品。
Low power loss, high efficiency, High forward surge current capability, For use in low voltage, high
frequency inverters, and polarity protection applications,For surface mounted applications.Halogen
free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - SS12F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SS12F ETC2-SS12F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS12F CHENDA-SS12F Datasheet
629Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS12F YFWDIODE-SS12F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS12F JUXING-SS12F Datasheet
761Kb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - SS12F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
logo
Foshan Blue Rocket Elec...
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
SS32F FOSHAN-SS32F Datasheet
898Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
logo
Leshan Radio Company
S-SM1100B LRC-S-SM1100B Datasheet
162Kb / 3P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com