Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP25A13A-R1B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GP25A13A-R1B
Description  25W AC-DC Triple Output Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GP25A13A-R1B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GP25A13A-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GP25A13A-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GP25A13A-R1B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP25A series
■ Features
■ Model Encoding
-
A 13A
GP25
IEC320-C14 3pin AC input
Output voltage
DC plug type
R1B: Plug for standard model, power DIN 5 pin
Optional plug type available by customer requested
■ Description
Universal AC input / Full range
3 pole AC inlet IEC320-C14
No load power consumption < 0.3W
Energy efficiency level Ⅵ
Comply with EISA 2007/DoE
Class
power (with earth pin)
I
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
-20 ~ +70 working temperature
LED indicator for power on
Dual output available (optional)
3 years warranty
GP25A is a 25W triple-output desktop type green adaptor series, complying with the mandatory energy
saving standard USA EISA 2007/DoE (Level ). Adopting Class design and utilizing the standard inlet
ⅥI
IEC320-C14, it is designed with FG and uses the 94V-0 flame retardant plastic enclosure, which can
effectively prevent electric shock hazards. This series operates from 90~264VAC and offers three models
with the output voltage sets +5V/+12V/-5V, +5V/+12V/-12V and +5V/+15V/-15V. Its supreme advantages
includes the less-than-0.3W no load power consumption, the capability of wor king under -2 ~+70
0
ambient temperature, complete protection functions and three-year warranty and the compliance to the
international safety certification such as CB, TUV, UL, CE and FCC. GP25A is a multiple-output green
adaptor with high safety, high reliability and high quality.
25W AC-DC Triple Output Industrial Adaptor
{
■ Applications
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
R1B
File Name:GP25A-SPEC 2016-09-19
Series name
Output wattage


Similar Part No. - GP25A13A-R1B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
GPB International Limit...
GP25A GP-GP25A Datasheet
1Mb / 1P
GP Super Alkaline Battery AAAA size 1.5 Volts
More results

Similar Description - GP25A13A-R1B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
25W DC-DC Triple Output Converter
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
25W AC-DC High Reliability Medical Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST25B MEANWELL-GST25B Datasheet
772Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST25E MEANWELL-GST25E Datasheet
561Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GP25B MEANWELL-GP25B Datasheet
96Kb / 3P
25W AC-DC Triple Output Industrial Adaptor
GP50A MEANWELL-GP50A Datasheet
254Kb / 4P
50W AC-DC Triple Output Industrial Adaptor
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
40W AC-DC Interchangeable Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com