Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDP3284 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDP3284
Description  RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDP3284 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDP3284 Datasheet HTML 1Page - Green Power Solutions srl GPDP3284 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTIFIER DIODE
GPDP3284
Ordering information GPDP3284-VV
VV: blocking voltage / 100 (e.g. 28 for 2800V)
Document GPDP3284T002
0
5
10
15
20
25
30
35
40
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
1000
2000
3000
4000
5000
6000
0.5
1
1.5
2
V
F [V]
Forward voltage drop
Tj=Tjmax
50
70
90
110
130
150
170
0
1000
2000
3000
I
F [A]
Current rating - sine wave
180
°
120
°
60
°
30
°
90
°
0
1000
2000
3000
4000
5000
0
500
1000
1500
2000
2500
3000
I
F [A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com