Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7360 Datasheet(PDF) 2 Page - NEC

Part # PS7360
Description  HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7360 Datasheet(HTML) 2 Page - NEC

  PS7360 Datasheet HTML 1Page - NEC PS7360 Datasheet HTML 2Page - NEC PS7360 Datasheet HTML 3Page - NEC PS7360 Datasheet HTML 4Page - NEC PS7360 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW
50
IFP
Peak Foward Current2
A1
MOSFET
VL
Break Down Voltage
V
600
IL
Continuous Load Current
mA
90
PD
Power Dissipation
mW
560
BV
Isolation Voltage3
Vr.m.s.
3750
PT
Total Power Dissipation
mW
610
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100
µs, Duty Cycle = 1 %
3. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
and output.
PS7360-1A, PS7360L-1A
OUTLINE DIMENSIONS (Units in mm)
PS7360-1A
PS7360L-1A
PIN CONNECTION (Top View)
PS7360-1A, PS7360L-1A
1. LED Anode
2. LED Cathode
3. NC
4. MOSFET Drain
5. MOSFET Source
6. MOSFET Drain
65
4
12
3
3.8 MAX
2.8 MAX
0.65
1.34
±0.10
0.50
±0.10
2.54 MAX
2.54
7.62
10.16 MAX
4.55 MAX
0 to 15˚
6.5
±0.5
0.25 M
1.34
±0.10
2.54
MAX
7.62
10.16 MAX
0.9
±0.25
0.05 to 0.2
3.8 MAX
2.54
9.60
±0.4
6.5
±0.5
0.25 M
SYMBOLS
PARAMETERS
UNITS
MIN TYP MAX
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
RECOMMENDED OPERATING
CONDITIONS (TA = 25°C)
PART NUMBER
PS7360-1A,PS7360L-1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com