Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL19C Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASL19C
Description  High Linearity LNA MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19C Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASL19C_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL19C_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL19C
5 ~ 3000 MHz High Linearity LNA MMIC
0
100
200
300
400
500
Frequency (MHz)
0
5
10
15
20
25
30
35
0
100
200
300
400
500
Frequency (MHz)
-20
-15
-10
-5
0
C7_1_nF
C8_10_uF
L1_2.2_uH
C2_1_uF
Diode
Bead
R2_1_kohm
C1_10_uF
C4_1_uF
C6_39_pF
R1_1_kohm
R3_6.8_kohm
C5_1_uF
R4_3.3_kohm
R5_33_ohm
R6_18_ohm
ASL19C
Vsupply = +5 V
RF OUT
Vdiode = +12 V
(BLM18AG102SN1)
1) OIP3 is measured with two tones at an output power of -3 dBm/tone sepa-
rated by 6 MHz.
Schematic
S-parameters
APPLICATION CIRCUIT
Frequency (MHz)
5
50
200
Magnitude S21 (dB)
28.9
28.3
23.7
Magnitude S22 (dB)
-8.5
-10.0
-9.0
EIN (pA/√Hz)
4.2
4.3
4.3
Output IP31) (dBm)
24.3
25.5
26.7
Device Voltage (V)
+4.0
+4.0
+4.0
Current (mA)
54
54
54
Trans-impedance Amplifier
75 ohm
5 ~ 200 MHz
+5 V
Board Layout (FR4, 40x40 mm2, 0.8T)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com