Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL30G Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL30G
Description  DC MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL30G Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL30G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL30G
DC ~ 6000 MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -3 dBm/tone separated by 1MHz.
100% in-house DC & RF testing is done on packaged products before taping.
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
(Supply Voltage = +3 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
1575
1950
2400
3500
Gain
dB
36
30
23
23
17
S11
dB
-18
-20
-20
-20
-18
S22
dB
-18.0
-16.0
-18.0
-18.0
-13.5
S12
dB
-40
-38
-34
-34
-28
Output IP31)
dBm
22
22
21
21
18
Noise Figure
dB
0.9
0.8
1.1
1.1
1.6
Output P1dB
dBm
11
11
11
11
8
Current
mA
20
20
20
20
22
Device Voltage
V
+3
+3
+3
+3
+3
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
28
30
33
S11
dB
-10
-20
S22
dB
-10
-16
S12
dB
-38
Output IP3
dBm
20
22
Noise Figure
dB
0.8
1.2
Output P1dB
dBm
10
11
Current
mA
17
20
25
Device Voltage
V
+3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
 matched as in 1950 MHz application circuit)*
+22 dBm
Thermal Resistance
285
C/W
Two-stage LNA
30 dB gain & 0.8 dB NF at 1575 MHz
GPS, GLONASS, Galileo and Compass
Unconditionally Stable
Need only 6 components
2 kV Contact Discharge ESD Rating
achievable with one external L (Refer to
an application circuit at page 8, 14)
AEC-Q100 Qualified
Features
Description
Package Style: SOT363
ASL30G is a two-stage LNA for GPS, GLONASS,
Galileo and Compass receiver low noise block. It has a
low noise, high gain, and high linearity over a wide
range of frequency up to 6 GHz. It is also suitable for
use in the low noise amplifier block of the mobile
wireless system. The amplifier is available in a SOT363
package and passes the stringent DC, RF, and reliability
tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
Pin No.
Function
1
VDD
2
GND
3
OUT
4
GND
5
GND
6
IN
Pin Configuration
Pin Configuration
Pin No.
Function
1
VDD
2,4,5
GND
3
RF OUT
6
RF IN
Application Circuit
 GPS,GLONASS,Galileo,Compass
 1559 MHz ~ 1610 MHz
(3 V, 4 V, 3.3 V, 1.8 V)
 1559 MHz ~ 1610 MHz
(Robust ESD,
 2 kV)
 1164 MHz ~ 1300 MHz (3 V, 3.3 V)
 1164 MHz ~ 1300 MHz
(Robust ESD,
 2 kV)
Others
 900 MHz (3 V, 4 V)
 1950 MHz (3 V, 4 V)
 2400 MHz (3 V, 4 V)
 3300 ~ 3800 MHz (3 V, 4 V)
Absolute Maximum Ratings


Similar Part No. - ASL30G

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL30G ASB-ASL30G Datasheet
1Mb / 15P
Need only 5 components
September 2012
More results

Similar Description - ASL30G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
LNA MMIC
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
X-BAND LNA MMIC
logo
Eudyna Devices Inc
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
24-32GHz LNA MMIC
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
700-6000MHz MMIC LNA
September 2012
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
GaAs MMIC LNA
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
High Linearity LNA MMIC
April 2017
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
MMIC LNA
June 2017
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com