Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL54T8 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL54T8
Description  High Gain, Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL54T8 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL54T8 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
ASB Inc.
 sales@asb.co.kr
January 2017
ASL54T8
Product Overview
1.1
General Description
ASL54T8 is a low noise amplifier with high linearity over a wide range of frequency up to 1.5 ~ 4.0 GHz with
S11 & S22 < -10 dB. It is also suitable for use in the mobile wireless systems such as PCS, WCDMA, LTE,
WiBro, WiMAX, WLAN and so on. It has an active bias circuit for stable current over temperature and
process variation. The amplifier is available in TDFN8 package and passes the stringent DC, RF and
reliability tests.
1.2
Features
 16.5 dB Gain at 2000 MHz
 37.0 dBm OIP3 at 2000 MHz
 19.5 dBm OP1dB at 2000 MHz
 0.7 dB NF at 2000 MHz
 Current adjustable with R2 (in application circuit 3.1)
 MTTF > 100 Years
 Single Supply: +3 ~ +5 V
1.3
Applications
 Low Noise Amplifier for PCS, WCDMA, WLAN, and WiMAX
 Other Low Noise Applications
1.4
Package Profile & RoHS Compliance
TDFN8, 2.0x2.0 mm2, surface mount
RoHS-compliant
ASL54T8 Data Sheet
High Gain, Low Noise Amplifier


Similar Part No. - ASL54T8

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
High Gain, Low Noise Amplifier
June 2014
More results

Similar Description - ASL54T8

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com