Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5101DAP Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5101DAP
Description  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5101DAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5101DAP Datasheet HTML 4Page - Texas Instruments TAS5101DAP Datasheet HTML 5Page - Texas Instruments TAS5101DAP Datasheet HTML 6Page - Texas Instruments TAS5101DAP Datasheet HTML 7Page - Texas Instruments TAS5101DAP Datasheet HTML 8Page - Texas Instruments TAS5101DAP Datasheet HTML 9Page - Texas Instruments TAS5101DAP Datasheet HTML 10Page - Texas Instruments TAS5101DAP Datasheet HTML 11Page - Texas Instruments TAS5101DAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
8
www.ti.com
audio application considerations (continued)
reconstruction output filter
An output reconstruction filter is required between the H-bridge outputs and the loudspeaker load. This second
order low-pass filter passes the audio information to the loudspeaker, while filtering out the high frequency
out-of-band information contained in the H-bridge output PWM pulses. The values of the L and C components
selected are dependent on the loudspeaker load impedance. See application note SLAA117.
fault indicator usage
The TAS5101 is a self-protecting device that provides device fault reporting, including over-temperature protect,
under-voltage lockout (low-regulator voltage), and short circuit protection. The short circuit protection protects
against short circuits that may occur at the loudspeaker load when configured according to the application note
SLAA117. The TAS5101 is not recommended for driving loads less than 4
Ω, since the internal current limit
protection might be activated.
An under-voltage lockout signal occurs when an insufficient voltage level is present on the LDROUTA or
LDROUTB pins. During this condition gate drive levels are not sufficient for driving the power MOSFETs. Normal
operation is resumed when the minimum proper LDROUTA or LDROUTB level is obtained, and the low regulator
voltage protect signal is de-asserted. See the control/sense circuitry section for error and warning conditions.
A high temperature warning signal is asserted on pin ERR0 when the device temperature exceeds 125
°C
typical.
If the internal device temperature exceeds 150
°C typical, the over temperature protect signal is asserted and
the TAS5101 is shut down. The device will re-enable once the temperature drops to 125
°C typical. See the
control/sense circuitry section for error and warning conditions.
Detection of an illegal PWM input state or the loss of a clocking PWM input signal will cause an illegal PWM input
state signal to be asserted on the ERR1and ERR0 pins and will set the SHUTDOWN pin to the low state.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
DC supply voltage range: DVDD to DVSS
–0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PWM_AP, PWM_AM, PWM_BP, PWM_BM
–0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . .
RESET, HiZ
–0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PVDDA1 to PVSS, PVDDB1 to PVSS
–0.3 V to 28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PVDDA2 to PVSS, PVDDB2 to PVSS
–0.3 V to 28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output DMOS drain-to-source breakdown voltage
28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com