Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TL081
Description  WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TL081 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TL081 Datasheet HTML 1Page - National Semiconductor (TI) TL081 Datasheet HTML 2Page - National Semiconductor (TI) TL081 Datasheet HTML 3Page - National Semiconductor (TI) TL081 Datasheet HTML 4Page - National Semiconductor (TI) TL081 Datasheet HTML 5Page - National Semiconductor (TI) TL081 Datasheet HTML 6Page - National Semiconductor (TI) TL081 Datasheet HTML 7Page - National Semiconductor (TI) TL081 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH8358
December 1995
TL081 Wide Bandwidth JFET
Input Operational Amplifier
General Description
The TL081 is a low cost high speed JFET input operational
amplifier with an internally trimmed input offset voltage
(BI-FET IITM technology) The device requires a low supply
current and yet maintains a large gain bandwidth product
and a fast slew rate In addition well matched high voltage
JFET input devices provide very low input bias and offset
currents The TL081 is pin compatible with the standard
LM741 and uses the same offset voltage adjustment circuit-
ry This feature allows designers to immediately upgrade the
overall performance of existing LM741 designs
The TL081 may be used in applications such as high speed
integrators fast DA converters sample-and-hold circuits
and many other circuits requiring low input offset voltage
low input bias current high input impedance high slew rate
and wide bandwidth The devices has low noise and offset
voltage drift but for applications where these requirements
are critical the LF356 is recommended If maximum supply
current is important however the TL081C is the better
choice
Features
Y
Internally trimmed offset voltage
15 mV
Y
Low input bias current
50 pA
Y
Low input noise voltage
25 nV
0Hz
Y
Low input noise current
001 pA
0Hz
Y
Wide gain bandwidth
4 MHz
Y
High slew rate
13 V ms
Y
Low supply current
18 mA
Y
High input impedance
1012X
Y
Low total harmonic distortion AV e 10
k
002%
RL e 10k VO e 20 Vp-p
BW e 20 Hzb20 kHz
Y
Low 1f noise corner
50 Hz
Y
Fast settling time to 001%
2 ms
Typical Connection
TLH8358 – 1
Connection Diagram
Simplified Schematic
TLH8358 – 2
Dual-In-Line Package
TLH8358 – 4
Order Number TL081CP
See NS Package Number N08E
BI-FET IITM is a trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A


Similar Part No. - TL081

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
logo
Texas Instruments
TL081 TI-TL081 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
836Kb / 33P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
More results

Similar Description - TL081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF451 NSC-LF451 Datasheet
207Kb / 8P
LF451 Wide-Bandwidth JFET-Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
TL081-N TI1-TL081-N Datasheet
484Kb / 10P
TL081 Wide Bandwidth JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com