Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081CP Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TL081CP
Description  WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TL081CP Datasheet(HTML) 6 Page - National Semiconductor (TI)

  TL081CP Datasheet HTML 1Page - National Semiconductor (TI) TL081CP Datasheet HTML 2Page - National Semiconductor (TI) TL081CP Datasheet HTML 3Page - National Semiconductor (TI) TL081CP Datasheet HTML 4Page - National Semiconductor (TI) TL081CP Datasheet HTML 5Page - National Semiconductor (TI) TL081CP Datasheet HTML 6Page - National Semiconductor (TI) TL081CP Datasheet HTML 7Page - National Semiconductor (TI) TL081CP Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Hints (Continued)
common-mode range again puts the input stage and thus
the amplifier in a normal operating mode
Exceeding the positive common-mode limit on a single input
will not change the phase of the output however if both
inputs exceed the limit the output of the amplifier will be
forced to a high state
The amplifier will operate with a common-mode input volt-
age equal to the positive supply however the gain band-
width and slew rate may be decreased in this condition
When the negative common-mode voltage swings to within
3V of the negative supply an increase in input offset voltage
may occur
The TL081 is biased by a zener reference which allows nor-
mal circuit operation on g4V power supplies Supply volt-
ages less than these may result in lower gain bandwidth and
slew rate
The TL081 will drivea2kX load resistance to g10V over
the full temperature range of 0 Cto a70 C If the amplifier
is forced to drive heavier load currents however an in-
crease in input offset voltage may occur on the negative
voltage swing and finally reach an active current limit on
both positive and negative swings
Precautions should be taken to ensure that the power sup-
ply for the integrated circuit never becomes reversed in po-
larity or that the unit is not inadvertently installed backwards
in a socket as an unlimited current surge through the
resulting forward diode within the IC could cause fusing of
the internal conductors and result in a destroyed unit
Because these amplifiers are JFET rather than MOSFET
input op amps they do not require special handling
As with most amplifiers care should be taken with lead
dress component placement and supply decoupling in or-
der to ensure stability For example resistors from the out-
put to an input should be placed with the body close to the
input to minimize ‘‘pick-up’’ and maximize the frequency of
the feedback pole by minimizing the capacitance from the
input to ground
A feedback pole is created when the feedback around any
amplifier is resistive The parallel resistance and capaci-
tance from the input of the device (usually the inverting in-
put) to AC ground set the frequency of the pole In many
instances the frequency of this pole is much greater than
the expected 3 dB frequency of the closed loop gain and
consequently there is negligible effect on stability margin
However if the feedback pole is less than approximately 6
times the expected 3 dB frequency a lead capacitor should
be placed from the output to the input of the op amp The
value of the added capacitor should be such that the RC
time constant of this capacitor and the resistance it parallels
is greater than or equal to the original feedback pole time
constant
Detailed Schematic
TLH8358 – 8
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com