Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CASR-6-NP Datasheet(PDF) 21 Page - LEM

Part # CASR-6-NP
Description  CAS / CASR / CKSR series Current Transducers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-6-NP Datasheet(HTML) 21 Page - LEM

Back Button CASR-6-NP Datasheet HTML 16Page - LEM CASR-6-NP Datasheet HTML 17Page - LEM CASR-6-NP Datasheet HTML 18Page - LEM CASR-6-NP Datasheet HTML 19Page - LEM CASR-6-NP Datasheet HTML 20Page - LEM CASR-6-NP Datasheet HTML 21Page - LEM CASR-6-NP Datasheet HTML 22Page - LEM CASR-6-NP Datasheet HTML 23Page - LEM CASR-6-NP Datasheet HTML 24Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
PCB footprint:
* = Pad design according
to IPC 2222, IPC 2221
Assembly on PCB
Recommended PCB hole diameter 1.3 mm for primary pin
0.8 mm for secondary pin
Maximum PCB thickness
2.4 mm
Wave soldering profile
maximum 260°C for 10 s
No clean process only.
Safety
m
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions
c
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must
be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
PCB footprints
Dimensions in mm. 1 mm = 0.034 inches
PCB footprint:
* = Pad design according
to IPC 2222, IPC 2221
PCB footprint:
* = Pad design according
to IPC 2222, IPC 2221
CAS Series
CASR Series
CKSR Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com