Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CASR-50-NP Datasheet(PDF) 13 Page - LEM

Part # CASR-50-NP
Description  CAS / CASR / CKSR series Current Transducers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-50-NP Datasheet(HTML) 13 Page - LEM

Back Button CASR-50-NP Datasheet HTML 9Page - LEM CASR-50-NP Datasheet HTML 10Page - LEM CASR-50-NP Datasheet HTML 11Page - LEM CASR-50-NP Datasheet HTML 12Page - LEM CASR-50-NP Datasheet HTML 13Page - LEM CASR-50-NP Datasheet HTML 14Page - LEM CASR-50-NP Datasheet HTML 15Page - LEM CASR-50-NP Datasheet HTML 16Page - LEM CASR-50-NP Datasheet HTML 17Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
The following graphs show how the measuring range of each transducer version depends on the external reference
voltage value V
REF:
Upper limit: I
P = -40 x VREF + 185
(V
REF = 2.5 .. 4 V)
Upper limit: I
P = -80 x VREF + 370
(V
REF = 2.75 .. 4 V)
Upper limit: I
P = 85
(V
REF = 0 .. 2.5 V)
Upper limit: I
P = 150
(V
REF = 0 .. 2.75 V)
Lower limit: I
P = -40 x VREF + 15
(V
REF = 0 .. 2.5 V)
Lower limit: I
P = -80 x VREF + 30
(V
REF = 0 .. 2.25 V)
Lower limit: I
P = -85
(V
REF = 2.5 .. 4 V)
Lower limit: I
P = -150
(V
REF = 2.25 .. 4V)
Example with V
REF = 1.65 V:
Example with V
REF = 0 V:
• The 6 A version has a measuring range from -12.24 A to +28.5 A
• The 6 A version has a measuring range from +3.6 A to +44.4 A
• The 15 A version has a measuring range from -30.6 A to +71.4 A
• The 15 A version has a measuring range from +9 A to +80 A
• The 25 A version has a measuring range from -51 A to +85 A
• The 25 A version has a measuring range from +15 A to +85 A
• The 50 A version has a measuring range from -102 A to +150 A
• The 50 A version has a measuring range from +30 A to +150 A
Upper limit: I
P = -.6 xVREF + 44.4
(V
REF = 0 .. 4 V)
Upper limit: I
P = -24 x VREF + 111
(V
REF = 1.2 .. 4 V)
Upper limit: I
P = 80
(V
REF = 0 .. 1.2 V)
Lower limit: I
P = -.6 x VREF + 3.6
(V
REF = 0 .. 4 V)
Lower limit: I
P = -24 x VREF + 
(V
REF = 0 .. 3.7 V)
Lower limit: I
P = -80
(V
REF = 3.7 .. 4V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com