Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFD-L Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 13Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 14Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 15Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12
Maintenance and Inspections
Modern AC drives are based on solid state electronics technology, preventive maintenance
is required to operate this AC drive in its optimal condition, and to ensure a long life. It is
recommended to perform a monthly check up of the AC drive by a qualified technician.
Before the check up, always turn off the AC Input Power to the unit. Wait at least 2 minutes
after all display lamps have gone out, and then confirm that the capacitors have fully
discharged.
Periodic Inspection:
Basic check up items to detect if there were any abnormality during the operation.
1. Whether the motors are operating as expected.
2. Whether the installation environment is abnormal.
3. Whether the cooling system is operating as expected.
4. Whether any irregular vibration or sound occurred during the operation.
5. Whether the motors are overheated during the operation.
6. Always check the input voltage of the AC drive with Voltmeter.
Periodic Maintenance:
It is necessary to stop the motor operation during the check up.
1. Tighten and reinforce the screws of the AC drive if necessary, cause it may loose due to
the vibration or changing of temperatures.
2. Whether the conductors or insulators were corroded and damaged.
3. Check the resistance of the insulation with Megaohmeter.
4. Often check and change the capacitors and relays.
5. If use of the AC drive is discontinued for a long period of time, turn the power on at least
once every two years and confirm that it still functions properly. To confirm functionality,
disconnect the motor and energize the AC drive for 5 hours or more before attempting
to run a motor with it.
6. Clean off any dust and dirt with a vacuum cleaner. Place special emphasis on cleaning
the ventilation ports and PCBs. Always keep these areas clean, as adherence of dust
and dirt can cause unforeseen failures.
Fuse and Fuse Breaker (NFB) Specifications:
Model
Ampere Rating (A) Manufacturer (Reference)
40W 115V
6.0A
Busmann - JJN-6 300V
40W 230V
3.0A
Busmann - JJN-3 300V
100W 115V
10.0A
Bssmann - JJN-10 300V
100W 230V
6.0A
Bssmann - JJN-6 300V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com