Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD10.241 Datasheet(PDF) 10 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
10. TERMINALS AND WIRING
Input
Output
Type
screw terminals
screw terminals
Solid wire
max. 6mm2
max. 6mm2
Stranded wire
max. 4mm2
max. 4mm2
American Wire Gauge
20-10 AWG
20-10 AWG
Max. wire diameter
2.8mm (including ferrules)
2.8mm (including ferrules)
Wire stripping length
7mm / 0.275inch
7mm / 0.275inch
Screwdriver
3.5mm slotted or
Pozidrive No 2
3.5mm slotted or
Pozidrive No 2
Recommended tightening torque
1Nm, 9lb.in
1Nm, 9lb.in
Instructions:
a) Use appropriate copper cables that are designed for an operating temperature of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C and
90°C for ambient up to 70°C minimum.
b) Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal connection!
d) Screws of unused terminal compartments should be securely tightened.
Daisy chaining of outputs:
Daisy chaining (jumping from one DC/DC-converter output to the next) is allowed as long as the average output
current through one terminal pin does not exceed 25A. If the current is higher, use a separate distribution terminal
block.
Fig. 10-1 Daisy chaining of outputs
Fig. 10-2 Using distribution terminals
DC/DC
Converter
+ +
- -
Input
Output
Load
+
-
max 25A!
DC/DC
Converter
+ +
- -
Input
Output
Load
+
-
Distribution
Terminals
DC/DC
Converter
+ +
- -
Input
Output
DC/DC
Converter
+ +
- -
Input
Output
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com