Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.481 Datasheet(PDF) 13 Page - PULS GmbH

Part # CPS20.481
Description  48V, 10A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.481 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CPS20.481 Datasheet HTML 9Page - PULS GmbH CPS20.481 Datasheet HTML 10Page - PULS GmbH CPS20.481 Datasheet HTML 11Page - PULS GmbH CPS20.481 Datasheet HTML 12Page - PULS GmbH CPS20.481 Datasheet HTML 13Page - PULS GmbH CPS20.481 Datasheet HTML 14Page - PULS GmbH CPS20.481 Datasheet HTML 15Page - PULS GmbH CPS20.481 Datasheet HTML 16Page - PULS GmbH CPS20.481 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CPS20.481
C-Series
48V, 10A, SINGLE PHASE INPUT
14. EMC
The power supply is suitable for applications in industrial environment as well as in residential, commercial and light
industry environment without any restrictions. A detailed EMC report is available on request.
EMC Immunity
According generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
contact discharge
air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
20V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
input lines
output lines
DC-OK signal (coupling clamp)
4kV
2kV
2kV
Criterion A
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L
N
L
PE, N
PE
2kV
4kV
Criterion A
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
PE
1kV
2kV
Criterion A
Criterion A
Surge voltage on DC-OK
EN 61000-4-5
DC-OK signal
PE
1kV
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
20V
Criterion A
Mains voltage dips
EN 61000-4-11
0% of 100Vac
40% of 100Vac
70% of 100Vac
0% of 200Vac
40% of 200Vac
70% of 200Vac
0Vac, 20ms
40Vac, 200ms
70Vac, 500ms
0Vac, 20ms
80Vac, 200ms
140Vac, 500ms
Criterion A
Criterion C
Criterion A
Criterion A
Criterion A
Criterion A
Voltage interruptions
EN 61000-4-11
0% of 200Vac (=0V)
5000ms
Criterion C
Voltage sags
SEMI F47 0706
dips on the input voltage according to SEMI F47 standard
80% of 120Vac (96Vac)
70% of 120Vac (84Vac)
50% of 120Vac (60Vac)
1000ms
500ms
200ms
Criterion A
Criterion A
Criterion A
Powerful transients
VDE 0160
over entire load range
750V, 1.3ms
Criterion A
Criterions:
A:
Power supply shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. Power supply may shut-down and restarts by itself. No damage or hazards for the power supply
will occur.
EMC Emission
According generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
input lines
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B
Conducted emission
output lines**)
IEC/CISPR 16-1-2, IEC/CISPR 16-2-1
limits for DC power port
according EN 61000-6-3 fulfilled
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
fulfilled for class A equipment
Voltage fluctuations, flicker
EN 61000-3-3
fulfilled*)
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
*)
tested with constant current loads, non pulsing
**) for information only, not mandatory for EN 61000-6-3
Apr. 2014 / Rev. 1.5 DS-CPS20.481-EN
All parameters are specified at 48V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com