Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOS3104 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TOS3104
Description  7 SEGMENT LED DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TOS3104 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TOS3104 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOS3104 series
TO132/0204
millimetres(inches)
Specification
Typical Forward
Voltage, IF=20mA
Maximum Reverse
Current, VR=5V
Maximum Forward
Voltage, IF=20mA
Bright
2.1
2.8
100
Extra Bright
Super Bright
2.1
2.8
100
2.1
2.8
100
Extra Bright
2.2
2.8
100
Extra Bright
2.1
2.8
100
Volts
Volts
µA
Colour
Colour Code
Brightness Category
Red
Red
Red
Green
Yellow
RE
S
G
Y
Peak
Wavelength, IF=20mA
697
630
660
565
585
nm
Typical Luminous
Intensity, IF=10mA
700
3500
17500
4000
3500
µcd
Schematic Options
a
b
c
d
e
f
g
DP
1
0.3
7.6
5.08
4.2
min.
6.1
grey*
face
10
* also available
with black face.
0.5
7 SEGMENT LED DISPLAY
7.62mm (0.3") SINGLE DIGIT
Part Number Key
TOS3104
Schematic
Colour Code
AS
10
9
8
54
23
7
Common Cathode R/H Decimal point
A
Common Anode R/H Decimal point
B
1,6
abc
def
g
RDP
1,6
abc
def
g
RDP
10
9
8
54
23
7
Red - Extra Bright (E) also available in low current


Similar Part No. - TOS3104

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TOS30-05SIL TRACOPOWER-TOS30-05SIL Datasheet
902Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SIL Series, 30 A
Rev. November 30, 2022
TOS30-05SM TRACOPOWER-TOS30-05SM Datasheet
810Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SM Series, 30 A
Rev. November 30, 2022
TOS30-12SIL TRACOPOWER-TOS30-12SIL Datasheet
902Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SIL Series, 30 A
Rev. November 30, 2022
TOS30-12SM TRACOPOWER-TOS30-12SM Datasheet
810Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SM Series, 30 A
Rev. November 30, 2022
TOS30SIL TRACOPOWER-TOS30SIL Datasheet
902Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SIL Series, 30 A
Rev. November 30, 2022
More results

Similar Description - TOS3104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
logo
Visual Communications C...
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
7-Segment LED Numeric Display
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
7-Segment LED Numeric Display
DSM7UA30101 VCC-DSM7UA30101 Datasheet
957Kb / 7P
Single Digit 7-Segment LED Display
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
Single Digit 7-Segment LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com