Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452CDGK Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2452CDGK
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452CDGK Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2452CDGK Datasheet HTML 15Page - Texas Instruments TLV2452CDGK Datasheet HTML 16Page - Texas Instruments TLV2452CDGK Datasheet HTML 17Page - Texas Instruments TLV2452CDGK Datasheet HTML 18Page - Texas Instruments TLV2452CDGK Datasheet HTML 19Page - Texas Instruments TLV2452CDGK Datasheet HTML 20Page - Texas Instruments TLV2452CDGK Datasheet HTML 21Page - Texas Instruments TLV2452CDGK Datasheet HTML 22Page - Texas Instruments TLV2452CDGK Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
19
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
1
0
−1
−2
4
−20
0
20
40
3
2
5
60
t − Time −
µs
80
LARGE-SIGNAL FOLLOWER PULSE RESPONSE
vs
TIME
VDD = 3 V
AV = 1
RL = 10 kΩ
CL = 160 pF
f = 10 kHz
TA = 25°C
−2
−3
−4
−5
1
0
−1
2
VI
VO
100
Figure 32
80
40
0
−40
−80
200
−5
0
5
10
15
20
160
120
240
t − Time −
µs
SMALL-SIGNAL FOLLOWER PULSE RESPONSE
vs
TIME
VDD = 5 V
AV = 1
RL = 10 kΩ
CL = 160 pF
TA = 25°C
−80
−120
−160
−200
−240
40
0
−40
80
VI
VO
Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com