Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8520 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 9Page - Seiko Instruments Inc S8520 Datasheet HTML 10Page - Seiko Instruments Inc S8520 Datasheet HTML 11Page - Seiko Instruments Inc S8520 Datasheet HTML 12Page - Seiko Instruments Inc S8520 Datasheet HTML 13Page - Seiko Instruments Inc S8520 Datasheet HTML 14Page - Seiko Instruments Inc S8520 Datasheet HTML 15Page - Seiko Instruments Inc S8520 Datasheet HTML 16Page - Seiko Instruments Inc S8520 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
13
Operation
1. Switching control method
1. 1 PWM control (S-8520 Series)
The S-8520 Series is a DC-DC converter using a pulse width modulation method (PWM) and features a low
current consumption.
In conventional PFM DC-DC converters, pulses are skipped when the output load current is low, causing a
fluctuation in the ripple frequency of the output voltage, resulting in an increase in the ripple voltage.
The switching frequency does not change, although the pulse width changes from 0 to 100% corresponding to
each load current. The ripple voltage generated from switching can thus be removed easily through a filter
because the switching frequency is constant. And the ripple voltage will be skipped to be low current
consumption when the pulse width is 0% or it is no load, input current voltage is high.
1. 2 PWM / PFM switching control (S-8521 Series)
S-8521 Series is a DC-DC converter that automatically switches between a pulse width modulation method
(PWM) and a pulse frequency modulation method (PFM), depending on the load current, and features low
current consumption.
The S-8521 Series operates under PWM control with the pulse width duty changing from 25 to 100% in a high
output load current area.
The S-8521 Series operates under PFM control with the pulse width duty fixed at 25%, and pulses are skipped
according to the load current. The oscillation circuit thus oscillates intermittently so that the resultant lower self
current consumption prevents a reduction in the efficiency at a low load current. The switching point from PWM
control to PFM control depends on the external devices (coil, diode, etc.), input voltage and output voltage.
The S-8521 Series is an especially highly efficient DC-DC converter at an output current around 100
μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com