Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8533 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 4Page - Seiko Instruments Inc S8533 Datasheet HTML 5Page - Seiko Instruments Inc S8533 Datasheet HTML 6Page - Seiko Instruments Inc S8533 Datasheet HTML 7Page - Seiko Instruments Inc S8533 Datasheet HTML 8Page - Seiko Instruments Inc S8533 Datasheet HTML 9Page - Seiko Instruments Inc S8533 Datasheet HTML 10Page - Seiko Instruments Inc S8533 Datasheet HTML 11Page - Seiko Instruments Inc S8533 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
8
Measurement Circuits
1.
VSS
0.1
μF
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
A
A
A
A
Figure 4
2.
VSS
0.1
μF
CNDRV
1000 pF
CD105
22
μH
MA737
2SA1213
2200 pF
1 k
Ω
F93
47
μF
F93
47
μF
F93
22
μF × 3
F93
22
μF × 3
+
+
+
+
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
Figure 5
3.
VSS
0.1
μF
CDRH104R
22
μH
IOUT
CPH6403
CPH6303
F93
47
μF
F93
47
μF
F93
22
μF
+
+
+
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com