Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1688 Datasheet(PDF) 2 Page - NEC

Part # UPC1688
Description  NECs 1.0 GHz BANDWIDTH SILICON MMIC AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1688 Datasheet(HTML) 2 Page - NEC

  UPC1688 Datasheet HTML 1Page - NEC UPC1688 Datasheet HTML 2Page - NEC UPC1688 Datasheet HTML 3Page - NEC UPC1688 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPC1688G
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6
PIN
Input Power
dBm
+10
PT
Total Power Dissipation2
mW
200
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Temperature, TA (°C)
SUPPLY CURRENT vs.
TEMPERATURE
EQUIVALENT CIRCUIT
GND
INPUT
OUTPUT
VCC
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. At TA = +85°C.
SUPPLY CURRENT vs. VOLTAGE
OUTPUT RETURN LOSS
vs. FREQUENCY AND VOLTAGE
GAIN vs. FREQUENCY
AND TEMPERATURE
Frequency, f (MHz)
Frequency, f (MHz)
Supply Voltage, VCC (V)
NO INPUT
SIGNAL
0
1
2
3
4
5
6
32
28
24
20
16
12
8
4
0
VCC = 5 V
-60
-30
0
30
60
90
120
150
32
28
24
20
16
12
8
4
0
TA = -55˚ C
TA = -20˚ C
TA = +25˚ C
TA = +85˚ C
TA = +125˚ C
24
20
16
12
8
4
0
10
50
100
500
1000 2000
VCC = 4.5 V
VCC = 5.0 V
VCC =5.5 V
10
50
100
500
1000
2000
10
0
-10
-20
-30
-40
-50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com